Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 218 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 214Page - Renesas Technology Corp H8S/20203 Datasheet HTML 215Page - Renesas Technology Corp H8S/20203 Datasheet HTML 216Page - Renesas Technology Corp H8S/20203 Datasheet HTML 217Page - Renesas Technology Corp H8S/20203 Datasheet HTML 218Page - Renesas Technology Corp H8S/20203 Datasheet HTML 219Page - Renesas Technology Corp H8S/20203 Datasheet HTML 220Page - Renesas Technology Corp H8S/20203 Datasheet HTML 221Page - Renesas Technology Corp H8S/20203 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 192 of 962
REJ09B0465-0100
(j)
New Bit-Rate Selection
In response to the command for new bit-rate selection, the boot program changes the bit rate
settings to those of the specified one, and responds to the acknowledgement from the host at the
new bit rate.
The new bit-rate selection command should be transmitted after the clock-mode selection
command.
Command
H'3F
Size
Bit rate
Input frequency
Number of
frequency
division
ratio types
Frequency
division
ratio 1
Frequency
division
ratio 2
SUM
• Command H'3F (1 byte): New bit-rate selection
• Size (1 byte): The total size of the bit-rate, input-frequency, number-of-frequency-division-
ratio-types, and frequency-division-ratio fields.
• Bit rate (2 bytes): New bit rate
The value to be set here is obtained by dividing the desired bit rate by 100. (For example, to
select the bit rate of 19200 bps, 19200 is divided by 100 to be 192, and so H'00C0 should be
set.)
• Input frequency (2 bytes): The frequency of the clock input to the boot program.
The value to be set here is obtained by multiplying the input frequency (MHz; to the second
decimal place) by 100. (For example, to select the input frequency of 20.00 MHz, 20.00 is
multiplied by 100 to be 2000, and so H'07D0 should be set.)
• Number of frequency division ratio types (1 byte): The number of selectable frequency
division ratios for the device.
(The value is usually H'02 because the main and peripheral module operating frequencies can
be usually selected.)
• Frequency division ratio 1 (1 byte): Frequency division ratio for the main operating frequency.
The negative numerical value by which the frequency is divided. (Example: H'FE (-2) when
the frequency is divided by two.)
• Frequency division ratio 2 (1 byte): Frequency division ratio for the peripheral operating
frequency.
The negative numerical value by which the frequency is divided. (Example: H'FE (-2) when
the frequency is divided by two.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com