Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 222 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 218Page - Renesas Technology Corp H8S/20203 Datasheet HTML 219Page - Renesas Technology Corp H8S/20203 Datasheet HTML 220Page - Renesas Technology Corp H8S/20203 Datasheet HTML 221Page - Renesas Technology Corp H8S/20203 Datasheet HTML 222Page - Renesas Technology Corp H8S/20203 Datasheet HTML 223Page - Renesas Technology Corp H8S/20203 Datasheet HTML 224Page - Renesas Technology Corp H8S/20203 Datasheet HTML 225Page - Renesas Technology Corp H8S/20203 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 196 of 962
REJ09B0465-0100
• Error code H'51 (1 byte): Erasure error indicating that erasure was unsuccessful because of an
error.
(6) Command Errors
Command errors are caused by undefined commands, incorrect command sequence, and
unacceptable commands. For example, sending a clock-mode selection command before a device
selection command and sending an inquiry command after a transition-to-programming/erasure-
state command both cause command errors.
Error response
H'80
H'xx
• Error response H'80 (1 byte): Command error
• Command H'xx (1 byte): Received command
(7) Order of Commands
In the inquiry/selection state, commands should be sent in the following order.
1. Send the supported-device inquiry command (H'20) to get the list of supported devices.
2. Select a device according to the returned device information, and send the device selection
command (H'10).
3. Send the clock-mode inquiry command (H'21) to inquire about clock modes.
4. Select a clock mode from among the returned clock modes, and send the clock-mode selection
command (H'11).
5. After selection of the device and clock mode, send the frequency-division-ratio inquiry
command (H'22) and operating-frequency inquiry command (H'23) to get the information
necessary for selecting a new bit rate.
6. Select a new bit rate according to the returned information on the frequency division ratios and
operating frequencies, send the new bit-rate selection command (H'3F).
7. After selection of the new bit rate, send the user-ROM-area-information inquiry command
(H'25), erasure-block-information inquiry command (H'26), and programming-size inquiry
command (H'27) to get the information necessary for programming/erasing the user ROM
area.
8. After each inquiry of step [7], send the transition-to-programming/erasure-state command
(H'40) to cause a transition to the programming/erasure state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com