| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 223 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 223 Page - Renesas Technology Corp |
|
223 / 992 page ![]() Section 7 ROM Rev. 1.00 Oct. 03, 2008 Page 197 of 962 REJ09B0465-0100 (8) Programming/Erasure State In the programming/erasure state, the boot program selects the form of programming in response to the programming selection command and then writes the data in response to the 128-byte programming command; or the boot program erases the desired blocks in response to the erasure selection and block erasure commands. Table 7.6 lists the programming/erasure commands. Table 7.6 Programming/Erasure Commands Command Command Name Function H'43 User-ROM-area programming selection Transfers the control program for user-ROM area programming. H'50 128-byte programming Executes 128-byte programming. H'48 Erasure selection Transfers the erasure-control program. H'58 Block erasure Erases the block data. H'52 Memory reading Reads data from memory. H'4B Sum checking of user ROM area Executes sum checking of the user ROM area. H'4D Blank checking of user ROM area Executes blank checking of the user ROM area. H'4F Boot-program state inquiry Inquires about the processing state of the boot program. 1. Programming Programming is performed by using the programming selection command and the 128-byte programming command. First, the host sends the user-ROM-area-programming selection command. Next, the host sends the 128-byte programming command. The boot program assumes that the 128 bytes of data included in the 128-byte programming command should be programmed according to the form of programming selected by the preceding programming selection command. To program more than 128 bytes, repeatedly send 128-byte programming commands. To terminate programming, the host should send the 128-byte programming command with address H'FFFFFFFF. On completion of programming, the boot program waits for the next programming/erasure selection command. To perform programming according to a different form of programming or to program a different MAT area subsequently, start the process by sending a programming selection command. The sequence of programming by the programming selection command and 128-byte programming command is shown in figure 7.10. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |