| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 73 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 73 Page - ams AG |
|
73 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 73 - 194 Figure 32 Connecting a NAND Flash 7.3.11.1 NandFlash Interface Registers Table 55 NAF registers Register Name Base Address Offset Note NAFCONFIG AS3525_NAND_FLASH_BASE 0x00 Configuration register NAFCONTROL AS3525_NAND_FLASH_BASE 0x04 Control register NAFECC AS3525_NAND_FLASH_BASE 0x08 Error correction code reg NAFDATA AS3525_NAND_FLASH_BASE 0x0C Data register NAFMODE AS3525_NAND_FLASH_BASE 0x10 Mode register NAFSTATUS AS3525_NAND_FLASH_BASE 0x14 Status register NAFMASK AS3525_NAND_FLASH_BASE 0x18 Interrupt mask register NAFFIFODATA AS3525_NAND_FLASH_BASE 0x1C buffered read/write data register NAFWORDS AS3525_NAND_FLASH_BASE 0x20 Words register NAFCLEAR AS3525_NAND_FLASH_BASE 0x24 Interrupt clear register NAFTEST AS3525_NAND_FLASH_BASE 0x28 Test register |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |