| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 80 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 80 Page - ams AG |
|
80 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 80 - 194 Table 62 NAF interrupt mask register Name Base Default NAFMask AS3525_NAND_FLASH_BASE 0x0018 Interrupt Mask Register Offset 0x0018 The NAFMask register is used to mask/enable the internal interrupt requests. Bit Bit Name Default Access Bit Description 6 mask6 0x1 R/W Mask ‘FIFO error indication’ interrupt request 0: enable 1: masked 5 mask5 0x1 R/W Mask ‘FIFO full indication’ interrupt request 0: enable 1: masked 4 mask4 0x1 R/W Mask ‘FIFO high indication’ interrupt request 0: enable 1: masked 3 mask3 0x1 R/W Mask ‘FIFO low indication’ interrupt request 0: enable 1: masked 2 mask2 0x1 R/W Mask ‘NAFWords empty and Controller ready indication’ interrupt request 0: enable 1: masked 1 mask1 0x1 R/W Mask ‘Read/write strobe ready indication’ interrupt request 0: enable 1: masked 0 mask0 0x1 R/W Mask ‘NAND flash ready indication’ interrupt request 0: enable 1: masked |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |