| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 32 Page - ams AG |
|
32 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 32 - 194 7.2.6.4 IDE Interface Registers Table 16 IDE Interface Registers Register Name Base Address Offset Note IdeReg_BMICP AS3525_CF_IDE_BASE 0x00 primary channel bus master command IdeReg_BMISP AS3525_CF_IDE_BASE 0x02 primary channel bus master status IdeReg_BMIDTPP_LO AS3525_CF_IDE_BASE 0x04 primary channel bus master table pointer IdeReg_BMIDTPP_HI AS3525_CF_IDE_BASE 0x06 IdeReg_IDETIMP_LO AS3525_CF_IDE_BASE 0x40 primary channel timing register IdeReg_IDETIMP_HI AS3525_CF_IDE_BASE 0x41 IdeReg_IDETIMS_LO AS3525_CF_IDE_BASE 0x42 secondary channel timing register IdeReg_IDETIMS_HI AS3525_CF_IDE_BASE 0x43 IdeReg_SIDETIM AS3525_CF_IDE_BASE 0x44 slave IDE timing register IdeReg_SLEWCTL_LO AS3525_CF_IDE_BASE 0x45 slew rate control register IdeReg_SLEWCTL_HI AS3525_CF_IDE_BASE 0x46 IdeReg_IDESTAT AS3525_CF_IDE_BASE 0x47 IDE status register IdeReg_UDMACTL AS3525_CF_IDE_BASE 0x48 ultra DMA control register IdeReg_UDMATIM_LO AS3525_CF_IDE_BASE 0x4A ultra DMA timing register IdeReg_UDMATIM_HI AS3525_CF_IDE_BASE 0x4B IdeReg_MISCCTL AS3525_CF_IDE_BASE 0x50 miscellaneous control register IdeReg_REGSTB AS3525_CF_IDE_BASE 0x54 task file register strobe timing register IdeReg_REGRCVR AS3525_CF_IDE_BASE 0x58 task file register recovery timing register IdeReg_DATSTB AS3525_CF_IDE_BASE 0x5C data register PIO strobe timing register IdeReg_DATRCVR AS3525_CF_IDE_BASE 0x60 data register PIO recovery timing register IdeReg_DMASTB AS3525_CF_IDE_BASE 0x64 DMA strobe timing register IdeReg_DMARCVR AS3525_CF_IDE_BASE 0x68 DMA recovery timing register IdeReg_UDMASTB AS3525_CF_IDE_BASE 0x6C ultra DMA strobe timing register IdeReg_UDMATRP AS3525_CF_IDE_BASE 0x70 ultra DMA ready-to-stop timing register IdeReg_UDMATENV AS3525_CF_IDE_BASE 0x74 ultra DMA timing envelope register IdeReg_IORDYTMP AS3525_CF_IDE_BASE 0x78 primary IO ready timer configuration reg IdeReg_IORDYTMS AS3525_CF_IDE_BASE 0x7C secondary IO ready timer configuration reg IdeTaskF_DATA AS3525_CF_IDE_BASE 0x1F0 IdeTaskF_ERR_FEAT AS3525_CF_IDE_BASE 0x1F1 IdeTaskF_SECT_CNT AS3525_CF_IDE_BASE 0x1F2 IdeTaskF_SECT_NUM AS3525_CF_IDE_BASE 0x1F3 IdeTaskF_CYL_LO AS3525_CF_IDE_BASE 0x1F4 IdeTaskF_CYL_HI AS3525_CF_IDE_BASE 0x1F5 IdeTaskF_DEV_HEAD AS3525_CF_IDE_BASE 0x1F6 IdeTaskF_STAT_CMD AS3525_CF_IDE_BASE 0x1F7 IdeTaskF_ALT_STAT_DEV_CTRL AS3525_CF_IDE_BASE 0x3F6 IdeTaskF_DEV_ADDR AS3525_CF_IDE_BASE 0x3F7 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |