| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 36 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 36 Page - ams AG |
|
36 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 36 - 194 Register Name Base Address Offset Note USB_OEP1_MPS AS3525_USB_BASE 0x0022c RxFIFO Size/Maximum Packet Size USB_OEP1_SUP_PTR AS3525_USB_BASE 0x00230 Setup buffer Pointer Register USB_OEP1_DESC_PTR AS3525_USB_BASE 0x00234 Data Descriptor Pointer USB_OEP1_STS_MASK AS3525_USB_BASE 0x00238 Status Mask Register USB_OEP2_CTRL AS3525_USB_BASE 0x00240 Control Register USB_OEP2_STS AS3525_USB_BASE 0x00244 Status Register USB_OEP2_RXFR AS3525_USB_BASE 0x00248 Rx Packet Frame Number Register USB_OEP2_MPS AS3525_USB_BASE 0x0024c RxFIFO Size/Maximum Packet Size USB_OEP2_SUP_PTR AS3525_USB_BASE 0x00250 Setup buffer Pointer Register USB_OEP2_DESC_PTR AS3525_USB_BASE 0x00254 Data Descriptor Pointer USB_OEP2_STS_MASK AS3525_USB_BASE 0x00258 Status Mask Register USB_OEP3_CTRL AS3525_USB_BASE 0x00260 Control Register USB_OEP3_STS AS3525_USB_BASE 0x00264 Status Register USB_OEP3_RXFR AS3525_USB_BASE 0x00268 Rx Packet Frame Number Register USB_OEP3_MPS AS3525_USB_BASE 0x0026c RxFIFO Size/Maximum Packet Size USB_OEP3_SUP_PTR AS3525_USB_BASE 0x00270 Setup buffer Pointer Register USB_OEP3_DESC_PTR AS3525_USB_BASE 0x00274 Data Descriptor Pointer USB_OEP3_STS_MASK AS3525_USB_BASE 0x00278 Status Mask Register USB_DEV_CFG AS3525_USB_BASE 0x00400 Device Configuration Register USB_DEV_CTRL AS3525_USB_BASE 0x00404 Device Control Register USB_DEV_STS AS3525_USB_BASE 0x00408 Device Status Register USB_DEV_INTR AS3525_USB_BASE 0x0040c Device Interrupt Register USB_DEV_INTR_MASK AS3525_USB_BASE 0x00410 Device Interrupt Mask Register USB_DEV_EP_INTR AS3525_USB_BASE 0x00414 Device Endpoint Interrupt USB_DEV_EP_INTR_MASK AS3525_USB_BASE 0x00418 Device Endpoint Interrupt Mask USB_PHY_EP0_INFO AS3525_USB_BASE 0x00504 Information Register USB_PHY_EP1_INFO AS3525_USB_BASE 0x00508 Information Register USB_PHY_EP2_INFO AS3525_USB_BASE 0x0050c Information Register USB_PHY_EP3_INFO AS3525_USB_BASE 0x00510 Information Register USB_PHY_EP4_INFO AS3525_USB_BASE 0x00514 Information Register USB_PHY_EP5_INFO AS3525_USB_BASE 0x00518 Information Register USB_HOST_CH0_SPLT AS3525_USB_BASE 0x01000 Split Information Register USB_HOST_CH0_STS AS3525_USB_BASE 0x01004 Status Register USB_HOST_CH0_TXFSIZE AS3525_USB_BASE 0x01008 TxFIFO Register USB_HOST_CH0_REQ AS3525_USB_BASE 0x0100c Request Register USB_HOST_CH0_PER_INFO AS3525_USB_BASE 0x01010 Periodic/Split Transaction Information Register USB_HOST_CH0_DESC_PTR AS3525_USB_BASE 0x01014 Data Descriptor Pointer USB_HOST_CH0_STS_MASK AS3525_USB_BASE 0x01018 Status Mask Register USB_HOST_CH1_SPLT AS3525_USB_BASE 0x01020 Split Information Register USB_HOST_CH1_STS AS3525_USB_BASE 0x01024 Status Register USB_HOST_CH1_TXFSIZE AS3525_USB_BASE 0x01028 TxFIFO Register USB_HOST_CH1_REQ AS3525_USB_BASE 0x0102c Request Register USB_HOST_CH1_PER_INFO AS3525_USB_BASE 0x01030 Periodic/Split Transaction Information Register USB_HOST_CH1_DESC_PTR AS3525_USB_BASE 0x01034 Data Descriptor Pointer USB_HOST_CH1_STS_MASK AS3525_USB_BASE 0x01038 Status Mask Register USB_HOST_CH2_SPLT AS3525_USB_BASE 0x01040 Split Information Register USB_HOST_CH2_STS AS3525_USB_BASE 0x01044 Status Register USB_HOST_CH2_TXFSIZE AS3525_USB_BASE 0x01048 TxFIFO Register USB_HOST_CH2_REQ AS3525_USB_BASE 0x0104c Request Register USB_HOST_CH2_PER_INFO AS3525_USB_BASE 0x01050 Periodic/Split Transaction Information |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |