| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 53 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 53 Page - ams AG |
|
53 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 53 - 194 GPIO interrupt event register Table 33 GPIO interrupt event register Name Base Default GPIO1_IEV GPIO2_IEV GPIO3_IEV GPIO4_IEV AS3525_GPIO1_BASE AS3525_GPIO2_BASE AS3525_GPIO3_BASE AS3525_GPIO4_BASE 0xC80B0000 0xC80C0000 0xC80D0000 0xC80E0000 GPIO interrupt event register Offset: 0x40C Bits set to HIGH configure the corresponding pin to detect rising edges or high levels, depending on the corresponding bit value in GPIO interrupt sense register (GPIO1_IS, …). Clearing a bit configures the pin to detect falling edges or low levels, depending on the corresponding bit value in GPIO interrupt sense register (GPIO1_IS, …). All bits are cleared by a reset. Bit Bit Name Default Access Bit Description 7:0 GPIO interrupt event register 00000000 RW 0: falling edges, or low levels on corresponding pin trigger interrupts. 1: rising edges, or high levels on corresponding pin trigger interrupts. GPIO interrupt mask register Table 34 GPIO interrupt mask register Name Base Default GPIO1_IE GPIO2_IE GPIO3_IE GPIO4_IE AS3525_GPIO1_BASE AS3525_GPIO2_BASE AS3525_GPIO3_BASE AS3525_GPIO4_BASE 0xC80B0000 0xC80C0000 0xC80D0000 0xC80E0000 GPIO interrupt mask register Offset: 0x410 Bits set to HIGH allow the corresponding pins to trigger their individual interrupts and the combined GPIOINTR line. Clearing a bit disables interrupt triggering on that pin. All bits are cleared by a reset. Bit Bit Name Default Access Bit Description 7:0 GPIO interrupt mask register 00000000 RW 0: corresponding pin interrupt is masked. 1: corresponding pin interrupt is not masked. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |