| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 48 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 48 Page - ams AG |
|
48 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 48 - 194 Figure 19 Serial Synchronous Port Block Diagram Table 27 SSP Registers Register Name Base Address Offset Note SPI_SSPCR0 SSP_BASE 0x00 CR0 control register SPI_SSPCR1 SSP_BASE 0x04 CR1 control register SPI_SSPRXD SSP_BASE 0x08 Read Data Register SPI_SSPTXD SSP_BASE 0x08 Write Data register SPI_SSPSR SSP_BASE 0x0C SSP status register SPI_SSPCPSR SSP_BASE 0x10 SSP Pre-scaler register SPI_SSPIMSC SSP_BASE 0x14 SSP Interrupt Mask and clear register SPI_SSPIRS SSP_BASE 0x18 SSP Raw interrupt status register SPI_SSPMIS SSP_BASE 0x1C SSP Masked interrupt status register SPI_SSPICR SSP_BASE 0x20 SSP interrupt clear register SPI_SSPDMACR SSP_BASE 0x24 SSP DMA control register |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |