Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 13Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 14Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 15Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 16Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 17Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 18Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 19Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 20Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
10.0 Functional Description (Continued)
10.6.3 External Oscillator
The External Oscillator mode can be selected by program-
ming Option Bit 3 to 0 and Option Bit 4 to 0. CKI can be
driven by an external clock signal provided it meets the
specified duty cycle, rise and fall times, and input levels.
G7/CKO is available as a general purpose input G7 and/or
Halt control. Figure 13 shows the external oscillator connec-
tion diagram.
10.6.4 Clock Prescaler
The device is equipped with a programmable clock prescaler
which allows the user to dynamically adjust the clock speed,
and thus the power dissipation, to the processing needs of
the application. By merely writing an eight-bit value to the
CLKPS register, the user can divide the input oscillator clock
by an integer multiple (1 — 256) and reduce the CPU clock
frequency. The format of the CLKPS Register is shown in
Table 5. The value written to the CLKPS register is one less
than the desired divider. A value of 0 (zero) written to the
CLKPS register yields a CPU clock equal to the input clock
frequency. A value of 255 written to the CLKPS register
yields a CPU clock with a period equal to 256 input clock
periods.
TABLE 5. Clock Prescale Register (CLKPS)
CLKPS
Bit 7
Bit 0
With On-Chip Bias Resistor
With External Bias Resistor
20091724
20091725
FIGURE 12. Crystal Oscillator
20091726
FIGURE 13. External Oscillator
With External Frequency Control Resistor (R/C+R)
With Fully On-Chip R/C Oscillator.
20091727
20091728
FIGURE 14. R/C Oscillator
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com