Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 12Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 13Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
8.0 Electrical Characteristics (Continued)
AC Electrical Characteristics −40˚C
≤ T
A ≤ +85˚C unless otherwise
specified. (Continued)
Note 4: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, inputs connected to VCC and outputs driven low but not connected
to a load.
Note 5: The HALT mode will stop CKI from oscillating in the R/C and the Crystal configurations. CKI is TRI-STATE. Measurement of IDD HALT is done with device
neither sourcing nor sinking current; with L. F, C, J, G0 and G2–G5 programmed as low outputs and not driving a load; all outputs programmed low and not driving
a load; all inputs tied to VCC; WATCHDOG and clock monitor disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register.
Note 6: The ACCESS.Bus interface of the COP8TAB5/TAC5 device implements and meets the timings necessary for interface to the I2C and SMBus protocols at
logic levels. The bus drivers are designed with open-drain outputs, as required for proper bidirectional operation. The device will not meet the AC timing and
current/voltage drive requirements of the full bus specifications.
20091782
FIGURE 1. MICROWIRE/PLUS Timing
20091783
FIGURE 2. ACB Start and Stop Condition Timing
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com