Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 5Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 12Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
8.0 Electrical Characteristics (Continued)
AC Electrical Characteristics −40˚C
≤ T
A ≤ +85˚C unless otherwise
specified.
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator, External
2.25V
≤ V
CC
≤ 2.75V
0.65
DC
µs
Internal R/C Oscillator
2.25V
≤ V
CC
≤ 2.75V
1.0
µs
R/C Oscillator Frequency Variation
2.25V
≤ V
CC
≤ 2.75V
±30
%
External CKI Clock Duty Cycle
fr = Max
45
55
%
Rise Time
fr = 10 MHz Ext Clock
12
ns
Fall Time
fr = 10 MHz Ext Clock
8
ns
Inputs
MICROWIRE Setup Time (t
UWS)20
ns
MICROWIRE Hold Time (t
UWH)20
ns
MICROWIRE Output Propagation Delay (t
UPD)
150
ns
MICROWIRE Maximum Shift Clock
Master Mode
750
kHz
Slave Mode
1.5
MHz
Input Pulse Width
Interrupt Input High Time (see (Note 2))
1
t
C
Interrupt Input Low Time
1
t
C
Timer Input High Time
1
t
C
Timer Input Low Time
1
t
C
ACCESS.Bus Input signals (see (Note 6))
Bus Free Time Between Stop and Start Condition
(t
BUFi)
t
SCLhigho
SCL Setup Time (t
CSTOsi)
Before Stop Condition
8
mclk
SCL Hold Time (t
CSTRhi)
After Start Condition
8
mclk
SCL Setup Time (t
CSTRsi)
Before Start Condition
8
mclk
Data High Setup Time (t
DHCsi)
Before SCL Rising Edge
(RE)
2
mclk
Data Low Setup Time (t
DLCsi)
Before SCL RE
2
mclk
SCL Low Time (t
SCLlowi)
After SCL Falling Edge (FE)
12
mclk
SCL High Time (t
SCLhighi)
After SCL RE
12
mclk
SDA Hold Time (t
SDAhi)
After SCL FE
0
ns
SDA Setup Time (t
SDAsi)
Before SCL RE
2
mclk
ACCESS.Bus Output Signals (see(Note 6))
Bus Free Time Between Stop and Start Condition
(t
BUFo)
t
SCLhigho
SCL Setup Time (t
CSTOso)
Before Stop Condition
t
SCLhigho
SCL Hold Time (t
CSTRho)
After Start Condition
t
SCLhigho
SCL Setup Time (t
CSTRso)
Before Start Condition
t
SCLhigho
Data High Setup Time (t
DHCso
Before SCL RE
t
SCLhigho
Data Low Setup Time (t
DLCso)
Before SCL RE
t
SCLhigho
SCL Low Time (t
SCLlowo)
After SCL FE
16
mclk
SCL High Time (t
SCLhigho)
After SCL RE
16
mclk
SDA Hold Time (t
SDAho)
After SCL FE
7
mclk
SDA Valid Time (t
SDAso)
Before SCL FE
7
mclk
Note 2: tC = Instruction cycle time (Clock input frequency divided by 10).
Note 3: Maximum rate of voltage change must be < 0.5 V/ms.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com