Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 34Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 35Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 36Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 37Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 38Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 39Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 40Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 41Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
16.0 ACCESS.Bus Interface
(Continued)
16.5 ACB SERIAL DATA REGISTER (ACBSDA)
The ACBSDA register is a byte-wide, read/write shift register
used to transmit and receive data. The most significant bit is
transmitted (received) first and the least significant bit is
transmitted (received) last.
70
DATA
16.6 ACB STATUS REGISTER (ACBST)
The ACBST register is a byte-wide, read-only register that
reports the current ACB status.
76
5
4
3
2
1
0
SLVSTP SDAST BER NEGACK RSVD NMATCH MASTER XMIT
SLVSTP
The Slave Stop bit is set when a Stop
Condition was detected after a slave transfer
(i.e., after a slave transfer in which MATCH
or GCMTCH is set).
SDAST
The SDA Status bit is set when the SDA
data register is waiting for data (transmit, as
master or slave) or holds data that should be
read (receive, as master or slave)
BER
The Bus Error bit is set when a Start or Stop
Condition is detected during data transfer or
when an arbitration problem is detected.
NEGACK
The Negative Acknowledge bit is set when a
transmission is not acknowledged.
RSVD
This bit is reserved and will be zero.
NMATCH
The New Match bit is set when the address
byte following a Start Condition, or repeated
starts, causes a match or a global-call
match.
MASTER
The Master bit indicates that the module is
currently in master mode. It is set when a
request for bus mastership succeeds. It is
cleared upon arbitration loss (BER is set) or
the recognition of a Stop Condition.
XMIT
The Direction bit is set when the ACB
module is currently in master/slave transmit
mode. Otherwise, it is clear.
16.7 ACB CONTROL STATUS REGISTER (ACBCST)
The ACBCST register is a byte-wide, read/write register that
reports the current ACB status. At reset and when the mod-
ule is disabled, the non-reserved bits of ACBCST are
cleared.
7
6
543
2
1
0
RSVD
TGSCL
TSDA
GCMTCH MATCH BB BUSY
TGSCL
The Toggle SCL bit enables toggling the SCL
signal during error recovery. When the SDA
signal is low, writing 1 to this bit drives the
SCL signal high for one cycle. Writing 1 to
TGSCL when the SDA signal is high is
ignored.
TSDA
The Test SDA bit samples the state of the
SDA signal. This bit can be used while
recovering from an error condition in which
the SDA signal is constantly pulled low by a
slave that has lost synchronization. This bit is
a read-only bit.
GCMTCH
The Global Call Match bit is set in slave
mode when the ACBCTL1.GCMEN bit is set
and the address byte (the first byte
transferred after a Start Condition) is 00.
MATCH
The Address Match bit indicates in slave
mode when ACBADDR.SAEN is set and the
first seven bits of the address byte (the first
byte transferred after a Start Condition)
matches the 7-bit address in the ACBADDR
register.
BB
The Bus Busy bit indicates the bus is busy. It
is set when the bus is active (i.e., a low level
on either SDA or SCL) or by a Start
Condition. It is cleared when the module is
disabled or a Stop Condition is detected.
BUSY
The BUSY bit indicates that the ACB module
is:
Generating a Start Condition
In Master mode (ACBST.MASTER is set)
In
Slave
mode
(ACBCST.MATCH
or
ACBCST.GCMTCH is set)
In the period between detecting a Start and
completing the reception of the address
byte. After this, the ACB either becomes
not busy or enters slave mode. The BUSY
bit is cleared by the completion of any of
the above states, or by disabling the
module. BUSY is a read only bit.
16.8 ACB CONTROL 1 REGISTER (ACBCTL1)
The ACBCTL1 register is a byte-wide, read/write register
that configures and controls the ACB module. At reset and
while the module is disabled (ACBCTL2.ENABLE = 0), the
ACBCTL1 register is cleared.
76
5
4
3
2
10
CLRST NMINTE GCMEN ACK RSVD
INTEN
STOP
START
CLRST
The Clear Status bit clears the NMATCH,
BER, NEGACK and SLVSTP bits when 1 is
written to this bit.
NMINTE
The New Match Interrupt Enable controls
whether ACB interrupts are generated on
new matches.
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com