Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 4Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 5Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
7.0 Absolute Maximum Ratings (Note
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
3.5V
Voltage at Any Pin
−0.3V to V
CC +0.3V
ESD Protection Level
(Human Body Model)
(Machine Model)
2kV
200V
Total Current into V
CC Pin (Source)
80 mA
Total Current out of GND Pin
(Sink)
60 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
8.0 Electrical Characteristics
DC Electrical Characteristics −40˚C
≤ T
A ≤ +85˚C unless otherwise
specified.
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.25
2.75
V
Power Supply Rise Time from 0.0V
(On-Chip Power-On Reset Selected)
20 µs
10 ms
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 4)
CKI = 15 MHz
V
CC = 2.75V, tC = 0.65µs
6
mA
CKI = 5MHz
V
CC = 2.75V, tC = 2.0 µs
3.0
mA
HALT Current (Note 5) — WATCHDOG Disabled
V
CC = 2.75V, CKI = 0
MHz
T
A = +25˚C
<215
µA
T
A = +85˚C
300
µA
IDLE Current (Note 4)
CKI = 15 MHz
V
CC = 2.75V, tC = 0.65µs
1
mA
CKI = 5MHz
V
CC = 2.75V, tC = 2.0 µs
0.8
mA
Input Levels (V
IH,VIL)
Logic High
L0 (SDA), L1 (SCL) and L2
1.8V compatibility option
selected and
ACCESS.Bus is enabled
1.4
V
All Other Inputs
0.8 V
CC
V
Logic Low
0.25 V
CC
V
Value of the Internal Bias Resistor
0.3
1.0
2.5
M
for the Crystal/Resonator Oscillator
Hi-Z Input Leakage (same as TRI-STATE output)
V
CC = 2.75V
−0.1
+0.1
µA
Input Pullup Current
V
CC = 2.75V, VIN = 0V
−15
−120
µA
Port Input Hysteresis
0.1
V
Output Current Levels
Source (Weak Pull-Up)
V
CC = 2.25V, VOH = 1.7V
−10
−80
µA
Source (Push-Pull Mode)
V
CC = 2.25V, VOH = 1.7V
−10
mA
Sink (Push-Pull Mode)
V
CC = 2.25V, VOL = 0.4V
10
mA
Allowable Sink & Source Current per Pin
16
mA
Maximum Input Current without Latchup
±200
mA
RAM Retention Voltage, Vr
TBD
V
Input Capacitance
8.5
pF
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com