Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 15Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 16Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 17Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 18Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 19Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 20Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 21Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 22Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
11.0 Timers (Continued)
TABLE 6. Idle Timer Window Length (Continued)
ITSEL2
ITSEL1
ITSEL0
Idle Timer Period
1
0
1
Reserved - Undefined
1
1
0
Reserved - Undefined
1
1
1
Reserved - Undefined
The ITSEL bits of the ITMR register are cleared on Reset
and the Idle Timer period is reset to 4,096 instruction cycles.
11.1.1 ITMR Register
RSVD
ITSEL2 ITSEL1 ITSEL0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RSVD: These bits are reserved and must be set to 0.
ITSEL2:0: Selects the Idle Timer period as described in
Table 6
Any time the IDLE Timer period is changed there is the
possibility of generating a spurious IDLE Timer interrupt by
setting the T0PND bit. The user is advised to disable IDLE
Timer interrupts prior to changing the value of the ITSEL bits
of the ITMR Register and then clear the T0PND bit before
attempting to synchronize operation to the IDLE Timer.
11.2 TIMER T1
One of the main functions of a microcontroller is to provide
timing and counting capability for real-time control tasks. The
COP8 family offers a very versatile 16-bit timer/counter
structure, and two supporting 16-bit autoreload/capture reg-
isters (R1A and R1B), optimized to reduce software burdens
in real-time control applications. The timer block has two pins
associated with it, T1A and T1B. Pin T1A supports I/O re-
quired by the timer block, while pin T1B is an input to the
timer block.
The timer block has three operating modes: Processor Inde-
pendent PWM mode, External Event Counter mode, and
Input Capture mode.
The control bits T1C3, T1C2, and T1C1 allow selection of the
different modes of operation.
11.3 MODE 1. PROCESSOR INDEPENDENT PWM
MODE
One of the timer’s operating modes is the Processor Inde-
pendent PWM mode. In this mode, the timer generates a
“Processor Independent” PWM signal because once the
timer is setup, no more action is required from the CPU
which translates to less software overhead and greater
throughput. The user software services the timer block only
when the PWM parameters require updating. This capability
is provided by the fact that the timer has two separate 16-bit
reload registers. One of the reload registers contains the
“ON” timer while the other holds the “OFF” time. By contrast,
a microcontroller that has only a single reload register re-
quires an additional software to update the reload value
(alternate between the on-time/off-time).
The timer can generate the PWM output with the width and
duty cycle controlled by the values stored in the reload
registers. The reload registers control the countdown values
and the reload values are automatically written into the timer
when it counts down through 0, generating interrupt on each
reload. Under software control and with minimal overhead,
the PMW outputs are useful in controlling motors, triacs, the
intensity of displays, and in providing inputs for data acqui-
sition and sine wave generators.
In this mode, the timer T1 counts down at a fixed rate of t
C.
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers, R1A and R1B. The very
first underflow of the timer causes the timer to reload from
the register R1A. Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register R1B.
The T1 Timer control bits, T1C3, T1C2 and T1C1 set up the
timer for PWM mode operation.
Figure 15 shows a block diagram of the timer in PWM mode.
The underflows can be programmed to toggle the T1A output
pin. The underflows can also be programmed to generate
interrupts.
Underflows from the timer are alternately latched into two
pending flags, T1PNDA and T1PNDB. The user must reset
these pending flags under software control. Two control
enable flags, T1ENA and T1ENB, allow the interrupts from
the timer underflow to be enabled or disabled. Setting the
timer enable flag T1ENA will cause an interrupt when a timer
underflow causes the R1A register to be reloaded into the
timer. Setting the timer enable flag T1ENB will cause an
interrupt when a timer underflow causes the R1B register to
be reloaded into the timer. Resetting the timer enable flags
will disable the associated interrupts.
Either or both of the timer underflow interrupts may be
enabled. This gives the user the flexibility of interrupting
once per PWM period on either the rising or falling edge of
the PWM output. Alternatively, the user may choose to inter-
rupt on both edges of the PWM output.
11.4 MODE 2. EXTERNAL EVENT COUNTER MODE
This mode is quite similar to the processor independent
PWM mode described above. The main difference is that the
timer, T1, is clocked by the input signal from the T1A pin. The
T1 timer control bits, T1C3, T1C2 and T1C1 allow the timer
to be clocked either on a positive or negative edge from the
T1A pin. Underflows from the timer are latched into the
T1PNDA pending flag. Setting the T1ENA control flag will
cause an interrupt when the timer underflows.
In this mode the input pin T1B can be used as an indepen-
dent positive edge sensitive interrupt input if the T1ENB
control flag is set. The occurrence of a positive edge on the
T1B input pin is latched into the T1PNDB flag.
20091731
FIGURE 15. Timer in PWM Mode
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com