Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COP8TAB5 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8TAB5
Descripción Electrónicos  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB5 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button COP8TAB5 Datasheet HTML 33Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 34Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 35Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 36Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 37Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 38Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 39Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 40Page - National Semiconductor (TI) COP8TAB5 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
16.0 ACCESS.Bus Interface
(Continued)
At each clock cycle, the slave can stall the master while it
handles the previous data, or prepares new data. The slave
can hold SCL low, to extend the clock-low period, on each bit
transfer, or on a byte boundary, to accomplish this. Typically,
slaves extend the first clock cycle of a transfer if a byte read
has not yet been stored, or if the next byte to be transmitted
is not yet ready. Some microcontrollers, with limited hard-
ware support for ACCESS.Bus, extend the access after each
bit, to allow software time to handle this bit.
16.1.1 Start and Stop
The ACCESS.Bus master generates Start and Stop Condi-
tions (control codes). After a Start Condition is generated,
the bus is considered busy and it retains this status until a
certain time after a Stop Condition is generated. A high-to-
low transition of the data line (SDA) while the clock (SCL) is
high indicates a Start Condition. A low-to-high transition of
the SDA line while the SCL is high indicates a Stop Condition
(Figure 30).
In addition to the first Start Condition, a repeated Start
Condition can be generated in the middle of a transaction.
This allows another device to be accessed, or a change in
the direction of the data transfer.
16.1.2 Acknowledge Cycle
The Acknowledge Cycle consists of two signals: the ac-
knowledge clock pulse the master sends with each byte
transferred, and the acknowledge signal sent by the receiv-
ing device.
The master generates an acknowledge clock pulse after
each byte transfer. The receiver sends an acknowledge
signal after every byte received. There are two exceptions to
the "acknowledge after every byte" rule.
When the master is the receiver, it must indicate to the
transmitter
an
end-of-data
condition
by
not-
acknowledging ("negative acknowledge") the last byte
clocked out of the slave. This "negative acknowledge"
still includes the acknowledge clock pulse (generated by
the master), but the SDA line is not pulled down.
When the receiver is full, otherwise occupied, or a prob-
lem has occurred, it sends a negative acknowledge to
indicate that it cannot accept additional data bytes.
16.1.3 Addressing Transfer Formats
Each device on the bus has a unique address. Before any
data is transmitted, the master transmits the address of the
slave being addressed. The slave device should send an
acknowledge signal on the SDA signal, once it recognizes its
address.
16.2 BUS ARBITRATION
Arbitration is required when multiple master devices attempt
to gain control of the bus simultaneously. Control of the bus
is initially determined according to the address bits and clock
cycle. If the masters are trying to address the same bus
device, data comparisons determine the outcome of this
arbitration. In master mode, the device immediately aborts a
transaction if the value sampled on the SDA line differs from
the value driven by the device.
When an abort occurs during the address transmission, the
master that identifies the conflict should give up the bus,
switch to slave mode, and continue to sample SDA to see if
it is being addressed by the winning master on the
ACCESS.Bus.
16.3 POWER SAVE MODES
When this device is placed in HALT or IDLE mode, the ACB
module is effectively disabled. Registers ACBST, ACBCST
and ACBCTL1 are reset, however ACBSDA, ACBADDR and
ACBCTL2
are
unaffected.
If
the
ACB
is
enabled
(ACBCTL2.ENABLE = 1) on detection of a Start Condition, a
wake-up signal is issued to the Multi-Input Wake-Up module.
The byte transfer which causes the Wake-Up event will not
be acknowledged by the COP8 ACCESS.Bus and thus must
be retransmitted. The Multi-Input Wake-Up logic must be
configured, by the user, to enable Wake-Up on ACCESS.Bus
transfer. The ACCESS.Bus SDA signal is an alternate func-
tion of the one of the Multi-Input Wake-Up pins, and thus the
associated bit of the LWKEN or CWKEN and LWKEDG or
CWKEDG registers must be configured to cause a Wake-Up
event on a rising edge. See Figure 20 and the pinout table
for determination of the Multi-Input Wake-Up channel asso-
ciated with the ACCESS.Bus.
16.4 SDA AND SCL DRIVER CONFIGURATION
SDA and SCL are driven as open-drain signals on Port L
signals L0 and L1. If the ACB interface is not being used,
these pins are available for use as general-purpose port pins
or Multi-Input Wake-Up inputs.
20091780
FIGURE 30. Start and Stop Conditions
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com