Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 101 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 97Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 98Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 99Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 100Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 101Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 102Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 103Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 104Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AO
Open loop gain
Low-power mode
dB
45
110
-
VOHSAT(2)
High saturation voltage
Normal mode
Iload = max or Rload = min Input
at VDDA.
VDDA
-100
-
-
mV
Low-power
mode
VDDA -50
-
-
VOLSAT(2)
Low saturation voltage
Normal mode
Iload = max or Rload = min Input
at 0.
-
-
100
Low-power
mode
-
-
50
φm
Phase margin
Normal mode
-
74
-
°
Low-power mode
-
66
-
GM
Gain margin
Normal mode
-
13
-
dB
Low-power mode
-
20
-
tWAKEUP
Wake up time from OFF state.
Normal mode
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ follower
configuration
-
5
10
µs
Low-power
mode
CLOAD ≤ 50 pf,
RLOAD ≥ 20 kΩ
follower configuration
-
10
30
Ibias
OPAMP input bias current
General purpose input
-
-
-(3)
nA
PGA gain(2)
Non inverting gain value
-
-
2
-
-
-
4
-
-
8
-
-
16
-
Rnetwork
R2/R1 internal resistance
values in PGA mode(4)
PGA Gain = 2
-
80/80
-
kΩ/kΩ
PGA Gain = 4
-
120/
40
-
PGA Gain = 8
-
140/
20
-
PGA Gain = 16
-
150/
10
-
Delta R
Resistance variation (R1 or R2)
-
-15
-
15
%
PGA gain error
PGA gain error
-
-1
-
1
%
PGA BW
PGA bandwidth for different non
inverting gain
Gain = 2
-
-
GBW/2
-
MHz
Gain = 4
-
-
GBW/4
-
Gain = 8
-
-
GBW/8
-
Gain = 16
-
-
GBW/16
-
en
Voltage noise density
Normal mode
at 1 kHz, Output loaded with
4 kΩ
-
500
-
nV/√Hz
Low-power
mode
at 1 kHz, Output loaded with
20 kΩ
-
600
-
Normal mode
at 10 kHz, Output loaded with
4 kΩ
-
180
-
Low-power
mode
at 10 kHz, Output loaded with
20 kΩ
-
290
-
IDDA(OPAMP)(2)
OPAMP consumption from
VDDA
Normal mode
no Load, quiescent mode
-
120
260
µA
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 101/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com