Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073HBU6 Datasheet(PDF) 102 Page - STMicroelectronics

No. de pieza STM32U073HBU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073HBU6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32U073HBU6 Datasheet HTML 98Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 99Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 100Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 101Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 102Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 103Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 104Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 105Page - STMicroelectronics STM32U073HBU6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDDA(OPAMP)(2)
OPAMP consumption from
VDDA
Low-power
mode
no Load, quiescent mode
µA
-
45
100
1. The temperature range is limited to 0 °C-125 °C when VDDA is below 2 V
2. Evaluated by characterization, not tested in production.
3. Mostly I/O leakage, when used in analog mode. Refer to Ilkg parameter in Table 64. I/O static characteristics.
4. R2 is the internal resistance between OPAMP output and OPAMP inverting input. R1 is the internal resistance between OPAMP inverting
input and ground. The PGA gain =1+R2/R1
6.3.25
LCD controller characteristics
The devices embed a built-in step-up converter to provide a constant LCD reference voltage independently from
the VDD voltage. An external capacitor Cext must be connected to the VLCD pin to decouple this converter.
Table 81. LCD controller characteristics
Specified by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLCD
LCD external voltage
-
-
3.6
V
VLCD0
LCD internal reference voltage 0
-
2.62
-
VLCD1
LCD internal reference voltage 1
-
2.76
-
VLCD2
LCD internal reference voltage 2
-
2.89
-
VLCD3
LCD internal reference voltage 3
-
3.04
-
VLCD4
LCD internal reference voltage 4
-
3.19
-
VLCD5
LCD internal reference voltage 5
-
3.32
-
VLCD6
LCD internal reference voltage 6
-
3.46
-
VLCD7
LCD internal reference voltage 7
-
3.62
-
Cext
VLCD external capacitance
Buffer OFF
(BUFEN=0 is LCD_CR register)
0.2
-
2
μF
Buffer ON
(BUFEN=1 is LCD_CR register)
1
-
2
ILCD(1)
Supply current from VDD at VDD = 2.2 V
Buffer OFF
(BUFEN=0 is LCD_CR register)
-
3
-
μA
Supply current from VDD at VDD = 3.0 V
Buffer OFF
(BUFEN=0 is LCD_CR register)
-
1.5
-
IVLCD
Supply current from VLCD (VLCD = 3 V)
Buffer OFF
(BUFFEN = 0, PON = 0)
-
0.5
-
μA
Buffer ON
(BUFFEN = 1, 1/2 Bias)
-
0.6
-
Buffer ON
(BUFFEN = 1, 1/3 Bias)
-
0.8
-
Buffer ON
(BUFFEN = 1, 1/4 Bias)
-
1
-
RHN
Total High Resistor value for Low drive resistive network
-
5.5
-
MΩ
RLN
Total Low Resistor value for High drive resistive network
-
240
-
kΩ
V44
Segment/Common highest level voltage
-
VLCD
-
V
V34
Segment/Common 3/4 level voltage
-
3/4 VLCD
-
V23
Segment/Common 2/3 level voltage
-
2/3 VLCD
-
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 102/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com