Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 31 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 31 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 27Page - RAMXEED LIMITED MB89R112 Datasheet HTML 28Page - RAMXEED LIMITED MB89R112 Datasheet HTML 29Page - RAMXEED LIMITED MB89R112 Datasheet HTML 30Page - RAMXEED LIMITED MB89R112 Datasheet HTML 31Page - RAMXEED LIMITED MB89R112 Datasheet HTML 32Page - RAMXEED LIMITED MB89R112 Datasheet HTML 33Page - RAMXEED LIMITED MB89R112 Datasheet HTML 34Page - RAMXEED LIMITED MB89R112 Datasheet HTML 35Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
MB89R112
DS411-00004-3v0-E
31
2-11. Get System Information command
On receiving the Get System Information command, the transponder reads the chip information of UID, AFI,
DSFID, and so on to the reader/writer as a response.
Request
[Request from the reader/writer to the transponder]
Response
[Response from the transponder to the reader/writer]
(1) When Error_flag set
(2) When Error_flag not set
The followings show the definitions of the Information flag and the memory size information (transponder
memory size information) included in the response of the Get System Information command. However, the
size of blocks and number of blocks in the user area shown in the memory size information about a tran-
sponder indicate one less than the actual value.
Definition of information flag
* : Reserved for future use
Note : For MB89R112, set “0FH” (set “1” for bit 1 to bit 4 and set “0” for bit 5 to bit 8) .
SOF
Flag
Command (Get System Information) UID (Addressed mode)
CRC
EOF
8 bits
8 bits (“2BH”)
64 bits
16 bits
SOF
Flag
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flag
Information flag
UID
DSFID
AFI
Memory size IC reference CRC EOF
8 bits (“00H”)
8 bits
64 bits 8 bits
8 bits
16 bits
8 bits
16 bits
Bit
Flag name
State
Description
1
DSFID
0
DSFID does not exist.
1
DSFID is supported.
2
AFI
0
AFI does not exist.
1
AFI is supported.
3
Memory size
0
Memory size information does not exist.
1
Memory size information is supported.
4
IC reference
0
IC reference information does not exist.
1
IC reference information is supported.
5
RFU*
Set to “0”
6
RFU*
7
RFU*
8
RFU*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com