Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 11 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 11 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 7Page - RAMXEED LIMITED MB89R112 Datasheet HTML 8Page - RAMXEED LIMITED MB89R112 Datasheet HTML 9Page - RAMXEED LIMITED MB89R112 Datasheet HTML 10Page - RAMXEED LIMITED MB89R112 Datasheet HTML 11Page - RAMXEED LIMITED MB89R112 Datasheet HTML 12Page - RAMXEED LIMITED MB89R112 Datasheet HTML 13Page - RAMXEED LIMITED MB89R112 Datasheet HTML 14Page - RAMXEED LIMITED MB89R112 Datasheet HTML 15Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
MB89R112
DS411-00004-3v0-E
11
4. Requests/Responses
A request is sent from the reader/writer to the transponder. In replying to the request, the transponder sends
a response to the reader/writer.
Each request, and response, is transmitted in each single frame.
Structure of requests and responses
A request consists of the following 5 fields :
• Flag
• Command code
• Parameter (required or optional depending on the command)
• Application data
• CRC
A response consists of the following 4 fields :
• Flag
• Parameter (required or optional depending on the command)
• Application data
• CRC
Each byte is transferred, beginning with the lowest bit. When two or more bytes are transferred, transfer
begins with the lowest one.
5. Operating Modes
The MB89R112 has the following 3 operating modes :
Each mode specifies a different mechanism for how the transponder returns a response in replying to a
request from the reader/writer :
Addressed mode
The MB89R112 enters Addressed mode when the Address_flag is set to “1”.
In Addressed mode, a request includes a UID (the Address_flag is set to “1” simultaneously), and only the
transponder that matches the UID in the request returns a response. If no transponder that matches the UID
exists, a response is not returned.
Non-Addressed mode
The MB89R112 enters Non-Addressed mode when the Address_flag is set to “0”.
In Non-Addressed mode, a request does not include a UID. The transponders that receive the request
execute processing and return its response in accordance with the requested command.
Select mode
The MB89R112 enters Select mode when the Select_flag is set to “1”, and the Address_flag is set to “0”.
In Select mode, the request shall not contain a UID. When the transponders receive the command, only the
transponder in the select state executes processing and returns its response in accordance with the request-
ed command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com