Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 23 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 23 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 19Page - RAMXEED LIMITED MB89R112 Datasheet HTML 20Page - RAMXEED LIMITED MB89R112 Datasheet HTML 21Page - RAMXEED LIMITED MB89R112 Datasheet HTML 22Page - RAMXEED LIMITED MB89R112 Datasheet HTML 23Page - RAMXEED LIMITED MB89R112 Datasheet HTML 24Page - RAMXEED LIMITED MB89R112 Datasheet HTML 25Page - RAMXEED LIMITED MB89R112 Datasheet HTML 26Page - RAMXEED LIMITED MB89R112 Datasheet HTML 27Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
MB89R112
DS411-00004-3v0-E
23
2. Description of Optional Commands
2-1. Read Single Block command
On receiving the Read Single Block command, the transponder reads the data stored in the specified single
block to the reader/writer.
If the Option_flag (bit 7) is “1”, the transponder adds block security status information in the response. If the
Option_flag (bit 7) is “0”, the transponder returns only the data in the specified block to the reader/writer.
Request
[Request from the reader/writer to the transponder]
Response
[Response from the transponder to the reader/writer]
(1) When Error_flag set
(2) When Error_flag not set
2-2. Write Single Block command
On receiving the Write Single Block command, the transponder writes the single block data included in the
request to the specified block.
The transponder performs verification after writing and returns an error code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the write
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of  32/fc
(2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from the reader/
writer and upon such reception still return its response (However, if an EOF is not sent within 38 ms, the
time-out occurs and the transponder can receive another command).
Request
[Request from the reader/writer to the transponder]
SOF
Flag
Command
(Read Single Block)
UID
(Addressed mode)
Number of
blocks
CRC
EOF
8 bits
8 bits (“20H”)
64 bits
8 bits
16 bits
SOF
Flag
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flag
Block security status (option)
Data
CRC
EOF
8 bits (“00H”)
8 bits
256 bits
16 bits
SOF
Flag
Command
(Write Single Block)
UID
(Addressed mode)
Number
of blocks
Data
CRC
EOF
8 bits
8 bits (“21H”)
64 bits
8 bits
256 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com