Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 43 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 43 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 39Page - RAMXEED LIMITED MB89R112 Datasheet HTML 40Page - RAMXEED LIMITED MB89R112 Datasheet HTML 41Page - RAMXEED LIMITED MB89R112 Datasheet HTML 42Page - RAMXEED LIMITED MB89R112 Datasheet HTML 43Page - RAMXEED LIMITED MB89R112 Datasheet HTML 44Page - RAMXEED LIMITED MB89R112 Datasheet HTML 45Page - RAMXEED LIMITED MB89R112 Datasheet HTML 46Page - RAMXEED LIMITED MB89R112 Datasheet HTML 47Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
MB89R112
DS411-00004-3v0-E
43
ELECTRICAL CHARACTERISTICS
* : The capacitance value is an alternative value, which is distinguished with the part number. The values are
controlled by PCM (Process Control Monitor) in the wafer.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Load modulation resistance
RlSW
1.1
k
Input capacitance*
23pF
Cant
21.85
23.00
24.15
pF
Voltage between
antennas  2 Vrms
96pF
86.4
96.0
105.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com