Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 42 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 42 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 38Page - RAMXEED LIMITED MB89R112 Datasheet HTML 39Page - RAMXEED LIMITED MB89R112 Datasheet HTML 40Page - RAMXEED LIMITED MB89R112 Datasheet HTML 41Page - RAMXEED LIMITED MB89R112 Datasheet HTML 42Page - RAMXEED LIMITED MB89R112 Datasheet HTML 43Page - RAMXEED LIMITED MB89R112 Datasheet HTML 44Page - RAMXEED LIMITED MB89R112 Datasheet HTML 45Page - RAMXEED LIMITED MB89R112 Datasheet HTML 46Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
MB89R112
42
DS411-00004-3v0-E
RECOMMENDED OPERATING CONDITIONS
*: The minimum value of t3 on ASK100% does not meet ISO/IEC15693.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of
device and could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented
on this data sheet. If you are considering application under any conditions other than listed herein,
please contact sales representatives beforehand.
Note: However, because the communication characteristics is deeply related with the combination of antenna,
reader/writer, and operating environment, this condition does not ensure the complete operation of
transponders. Therefore it is recommended to confirm the communication characteristics with the actual
antenna and reader/writer beforehand.
The values are confirmed with a reference antenna in the input capacitance 23 pF products, and its
parameters are as follows.
External size
: 75 mm  46 mm
Number of turns
: 6
Width of conductor
: 1 mm
Space between 2 conductors : 0.4 mm
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Minimum antenna input voltage
VRF
7.5
10.2
VP-P
Antenna connected.
ASK modulation index (10)
m
10
30
ASK modulation index (100)
m
95
100
ASK pulse width (10)
t1
6.00
9.44
s
t2
3.0
t1
s
t3
0
4.5
s
ASK pulse width (100)
t1
6.00
9.44
s
t2
2.1
t1
s
t3
1.0*
4.5
s
t4
0
0.8
s
Input frequency
Fin
13.553
13.560
13.567
MHz
Operating temperature
Ta
20
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com