Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 36 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 36 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 32Page - RAMXEED LIMITED MB89R112 Datasheet HTML 33Page - RAMXEED LIMITED MB89R112 Datasheet HTML 34Page - RAMXEED LIMITED MB89R112 Datasheet HTML 35Page - RAMXEED LIMITED MB89R112 Datasheet HTML 36Page - RAMXEED LIMITED MB89R112 Datasheet HTML 37Page - RAMXEED LIMITED MB89R112 Datasheet HTML 38Page - RAMXEED LIMITED MB89R112 Datasheet HTML 39Page - RAMXEED LIMITED MB89R112 Datasheet HTML 40Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
MB89R112
36
DS411-00004-3v0-E
3-5. Fast Read Multiple Blocks Command
The Fast Read Multiple Blocks command is the same as the Read Multiple Blocks command that reads the
data of the specified successive blocks.
Up to 256 blocks of data can be read for one request. The data rate in the response is twice as defined in
ISO/IEC 15693.
If the Option_flag (bit 7) is “1”, the transponder adds block security status information in the response. If the
Option_flag (bit 7) is “0”, the transponder returns only the data in the specified blocks to the reader/writer.
The value of the “number of blocks” field specified in the request is the expected number of blocks minus 1.
Setting the number of blocks to “01H” makes a request to read 2 blocks. Setting the number of blocks to
“00H” makes a request to read 1 block (the request having the same effect as the Fast Read Single Block
command).
Request
[Request from the reader/writer to the transponder]
Response
[Response from the transponder to the reader/writer]
(1) When Error_flag set
(2) When Error_flag not set
SOF
Flag
Command
(Fast Read
Multiple Blocks)
IC manufacturer
code (necessary)
UID
(Addressed
mode)
First
block
number
Number
of
blocks
CRC
EOF
8 bits
8 bits (“C3H”)
8 bits (“08H”)
64 bits
8 bits
8 bits
16 bits
SOF
Flag
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flag
Block security status(option)
Data
CRC
EOF
8 bits (“00H”)
8 bits
256 bits
16 bits
Repeated as required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com