Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 9 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 5Page - RAMXEED LIMITED MB89R112 Datasheet HTML 6Page - RAMXEED LIMITED MB89R112 Datasheet HTML 7Page - RAMXEED LIMITED MB89R112 Datasheet HTML 8Page - RAMXEED LIMITED MB89R112 Datasheet HTML 9Page - RAMXEED LIMITED MB89R112 Datasheet HTML 10Page - RAMXEED LIMITED MB89R112 Datasheet HTML 11Page - RAMXEED LIMITED MB89R112 Datasheet HTML 12Page - RAMXEED LIMITED MB89R112 Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
MB89R112
DS411-00004-3v0-E
9
2. Communication from Transponder to Reader/Writer
• Minimum load modulation amplitude (Vlm) : 10 mV (based on ISO/IEC 10373-7)
• Load modulation subcarrier frequency (fs) : 423.75 kHz(fc/32)
The MB89R112 supports only 1-subcarrier system.
(Not the 2-subcarrier system.)
• Data rate : The MB89R112 supports the following 2 data rate modes :
Low data rate
High data rate
One of the 2 data rate modes is specified by the Data_rate_flag (described later) sent from
the reader/writer. In low data rate mode, the data rate is 6.62 kbps (fc/2048); in high data rate
mode, it is 26.48 kbps (fc/512).
When receiving the Fast commands (Custom commands) , the communication starts from
the transponder with the data rate that is twice as fast as normal data rate. In this case, the
2 data rate modes of low data rate and high data rate specified by the Data_rate_flag is
supported. In Low data rate mode, the data rate is 13.24 kbps (fc/1024) ; in high data rate
mode, it is 52.97 kbps (fc/256) .
(1) Bit coding
The Manchester coding is used for the bit coding. The following figures show the signals modulated in high
data rate mode when ISO command is received and the same signals when fast command is received. In
low data rate mode of both ISO commands and fast commands, the number of pulses for subcarrier and
data transfer time are 4 times as large as the number in high data rate mode.
37.76
μs
37.76
μs
Logic 0
Logic 1
423.75 kHz subcarrier
18.88 s (modulated)
18.88 s
(not modulated)
423.75 kHz subcarrier
18.88 s
(not modulated)
18.88 s (modulated)
Signal waveforms by load modulation in high data rate mode (ISO commands)
18.88
μs
9.44
μs
9.44
μs
18.88
μs
9.44
μs
9.44
μs
Logic 0
Logic 1
Signal waveforms by load modulation in high data rate response mode (fast commands)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com