Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 15 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 15 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 11Page - RAMXEED LIMITED MB89R112 Datasheet HTML 12Page - RAMXEED LIMITED MB89R112 Datasheet HTML 13Page - RAMXEED LIMITED MB89R112 Datasheet HTML 14Page - RAMXEED LIMITED MB89R112 Datasheet HTML 15Page - RAMXEED LIMITED MB89R112 Datasheet HTML 16Page - RAMXEED LIMITED MB89R112 Datasheet HTML 17Page - RAMXEED LIMITED MB89R112 Datasheet HTML 18Page - RAMXEED LIMITED MB89R112 Datasheet HTML 19Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
MB89R112
DS411-00004-3v0-E
15
10. Execution of Inventory Command by a Transponder
A transponder returns a response to the reader/writer when its UID is equal to the value that consists of the
mask value and the number of slots. The mask value is sent in the Inventory command, and the number of
slots is determined by the number of times the EOF signal is transmitted.
Algorithm for execution of processing by a transponder
The following figure shows the algorithm for the execution of processing by a transponder when an Inventory
command is received. The next figure shows the relationship between the UID and the mask value.
Nb_slots_flag=1?
SN_length=0
SN_length=4
YES
NO
YES
NO
Slot_Frame=SOF?
Slot_Frame=EOF?
YES
Wait (Slot_Frame)
NO
YES
NO
YES
NO
SN = 0
NbS = 1
NbS = 16
SN = SN + 1
SN < NbS-1
NbS
: Total number of slots (1 or 16)
SN
: Current slot number
LSB (value, n) : The “n” least significant bits of value
&
: Concatenation operator
Slot_Frame
: SOF or EOF
LSB (UID, SN_length  mask length) 
LSB (SN, SN_length) & LSB (mask,
mask length) ?
Algorithm for Execution of Processing by a Transponder when Inventory Command
Response transmission
End of processing
End of processing
End of processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com