Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 13 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 9Page - RAMXEED LIMITED MB89R112 Datasheet HTML 10Page - RAMXEED LIMITED MB89R112 Datasheet HTML 11Page - RAMXEED LIMITED MB89R112 Datasheet HTML 12Page - RAMXEED LIMITED MB89R112 Datasheet HTML 13Page - RAMXEED LIMITED MB89R112 Datasheet HTML 14Page - RAMXEED LIMITED MB89R112 Datasheet HTML 15Page - RAMXEED LIMITED MB89R112 Datasheet HTML 16Page - RAMXEED LIMITED MB89R112 Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
MB89R112
DS411-00004-3v0-E
13
7. Response Format
The following figure shows a typical example of the response data format, and the following table shows the
definition of the response flag bits.
If the Error_flag is set to “1”, an error code field is generated in the response. If the Error_flag is set to “0”,
this means no error, and If the Error_flag is set to “1”, this means any error generation.
Response flag definitions
* : Reserved for future use
Error code definitions
Bit
Flag name
1/0
Description
1
Error_flag
0
Error not found
1
Error found
2
RFU*
0
Set to “0”
3
RFU*
0
Set to “0”
4
Extension_flag
0
Set to “0”
5
RFU*
0
Set to “0”
6
RFU*
0
Set to “0”
7
RFU*
0
Set to “0”
8
RFU*
0
Set to “0”
Error code
Meaning
“01”
The specific command is not supported. Example: Command code error
“02”
Cannot recognize the command. The number of blocks is over the limit. Example: Format error
“03”
Specific options are not supported.
“0F”
Other errors
“10”
The specified block cannot be used (or was not found).
“11”
The specified block has already been locked and cannot be locked again.
“12”
The specified block has already been locked, and its contents cannot be updated.
“13”
The specified block could not be programmed normally (a write verify error occurred).
“14”
The specified block could not be locked normally (a lock verify error occurred) .
Others
Unused.
SOF
CRC
EOF
Flag
Parameter
Data
Structure of the response frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com