Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 37 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 37 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 33Page - RAMXEED LIMITED MB89R112 Datasheet HTML 34Page - RAMXEED LIMITED MB89R112 Datasheet HTML 35Page - RAMXEED LIMITED MB89R112 Datasheet HTML 36Page - RAMXEED LIMITED MB89R112 Datasheet HTML 37Page - RAMXEED LIMITED MB89R112 Datasheet HTML 38Page - RAMXEED LIMITED MB89R112 Datasheet HTML 39Page - RAMXEED LIMITED MB89R112 Datasheet HTML 40Page - RAMXEED LIMITED MB89R112 Datasheet HTML 41Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
MB89R112
DS411-00004-3v0-E
37
3-6. Read Lock Block Command
On receiving the Read Lock Block command, the transponder locks (read disable) permanently the data
stored in one specified single-block. The transponder performs verification after writing and returns an error
code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the lock
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1s)” with total tolerance of  32/fc
(2.4 s) and latest within 20 ms. If it is “1”,the transponder shall wait for the reception of an EOF from the
reader/writer, and upon such reception still return its response (However, if an EOF is not sent within 38 ms,
the time-out occurs and the transponder can receive another command).
Once the Read Lock Block command has been received, data in the locked block cannot read by the Read
Single Block command. On the other hand, if the locked block is accessed as part of the selected blocks by
the Read Multiple Blocks command, the data of the locked block is indicated as “00H” among the batch of
the data.
Request
[Request from the reader/writer to the transponder]
Response
[Response from the transponder to the reader/writer]
(1) When Error_flag set
(2) When Error_flag not set
SOF
Flag
Command
(Read Lock Block)
IC manufacturer
code
UID
(Addressed mode)
Block
number
CRC
EOF
8 bits
8 bits (“D9H”)
8 bits (“08H”)
64 bits
8 bits
16 bits
SOF
Flag
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flag
CRC
EOF
8 bits (“00H”)
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com