Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 14 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 10Page - RAMXEED LIMITED MB89R112 Datasheet HTML 11Page - RAMXEED LIMITED MB89R112 Datasheet HTML 12Page - RAMXEED LIMITED MB89R112 Datasheet HTML 13Page - RAMXEED LIMITED MB89R112 Datasheet HTML 14Page - RAMXEED LIMITED MB89R112 Datasheet HTML 15Page - RAMXEED LIMITED MB89R112 Datasheet HTML 16Page - RAMXEED LIMITED MB89R112 Datasheet HTML 17Page - RAMXEED LIMITED MB89R112 Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
MB89R112
14
DS411-00004-3v0-E
8. Anti-Collision Algorithm
The MB89R112 executes an anti-collision sequence loop based on ISO/IEC 15693.
The Anti-collision algorithm is designed to examine the transponders located within reader/writer communi-
cation areas on the basis of UID.
The reader/writer issues an Inventory command to transponders, and some transponders return responses
while other transponders do not respond, according to the algorithm described in “10. Execution of Inventory
Command by a Transponder”.
9. Request Parameter
Request Parameter Settings
Set the reader/writer as follows before issuing the Inventory command.
The Nb_slots_flag (bit 6), which is a request flag, is set to the desired value :
“0” : 16 slots (for plural transponders)
“1” : 1 slot (for single transponder)
A mask length and a mask value are added after the command code.
The mask length represents the data length of the mask value in bits.
The mask value is integer bytes of data, transmitted beginning with the lowest bit. If the mask data is not
a multiple of 8 (bits) in length, 0 is padded on the MSB side of the mask value so that the data is in units
of bytes.
The following figure shows an example of the mask value with padding. Since the mask length is 12 bits,
the mask value is padded with 4 bits on the MSB side so that the mask data is in units of bytes (2 bytes =
16 bits in this case).
If the AFI flag in the request flags is set in the format explained in “ Structure of the request frame of 6.
Request Format”, an AFI field is added to the format. The command ends with transmission of an EOF signal
as described in “1. Communication from Reader/Writer to Transponder”. Thereafter, processing in the first
slot starts immediately. To proceed to the next slot, the reader/writer sends an EOF signal.
Format of the Command
SOF
Flag
Command code Optional AFI Mask length Mask value
CRC
EOF
8 bits
8 bits
8 bits
8 bits
0 to 64 bits
16 bits
MSB
Pad
LSB
0000
0100 1100 1111
Mask value
Example of the Mask Value with Padding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com