Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 17 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 17 Page - RAMXEED LIMITED

Back Button MB89R112 Datasheet HTML 13Page - RAMXEED LIMITED MB89R112 Datasheet HTML 14Page - RAMXEED LIMITED MB89R112 Datasheet HTML 15Page - RAMXEED LIMITED MB89R112 Datasheet HTML 16Page - RAMXEED LIMITED MB89R112 Datasheet HTML 17Page - RAMXEED LIMITED MB89R112 Datasheet HTML 18Page - RAMXEED LIMITED MB89R112 Datasheet HTML 19Page - RAMXEED LIMITED MB89R112 Datasheet HTML 20Page - RAMXEED LIMITED MB89R112 Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
MB89R112
DS411-00004-3v0-E
17
11. Anti-Collision Sequence
Execution of anti-collision sequence
The following steps summarize the main cases that can occur during a typical anti-collision sequence where
the number of slots is 16.
1) The reader/writer sends an Inventory command.
The Nb_slots_flag bit of the request flags is set to “0” to specify the number of slots.
2) In slot 0, transponder 1 transmits its response in the time t1_a from the detection of the rising edge of the
EOF. In this case no collision occurs and the UID of transponder is received and registered by the reader/
writer.
3) The reader/writer sends an EOF signal to switch to the next slot in the time t2_a after the response 1.
4) In slot 1, transponder 2 and transponder 3 transmit their response in the time t1_a from the detection of
the rising edge of the EOF. In this case, the reader/writer cannot recognize the UIDs of the two
transponders because the collision occurs, and the reader/writer remembers that a collision was
detected in slot 1.
5) The reader/writer sends an EOF signal to switch to the next slot in the time t2_a after the responses.
6) In slot 2, no transponder transmits a response. The reader/writer does not detect any response, and
sends an EOF signal to switch to the next slot in the time t3_a from the detection of the rising edge of
the EOF.
7) In slot 3, transponder 4 and transponder 5 transmit their response in the time t1_a from the detection of
the rising edge of the EOF, and another collision occurs.
8) The reader/writer sends a request (for example, a Read Single Block command, described later) to the
transponder 1, which UID was already correctly received.
9) All transponders detect an SOF signal and exit the Anti-collision sequence. In this case, since the
request
is addressed to transponder 1 (Addressed mode), only transponder 1 transmits its response.
10) All transponders are ready to receive another request from the reader/writer. If the Inventory command is
sent again, the Anti-collision sequence starts from slot 0.
Note : t1_a, t2_a, t3_a are specified in “12. Timing definitions”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com