Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89R112 Datasheet(PDF) 4 Page - RAMXEED LIMITED

No. de pieza MB89R112
Descripción Electrónicos  FeRAM Embedded High-speed RFID LSI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMXEED [RAMXEED LIMITED]
Página de inicio  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R112 Datasheet(HTML) 4 Page - RAMXEED LIMITED

  MB89R112 Datasheet HTML 1Page - RAMXEED LIMITED MB89R112 Datasheet HTML 2Page - RAMXEED LIMITED MB89R112 Datasheet HTML 3Page - RAMXEED LIMITED MB89R112 Datasheet HTML 4Page - RAMXEED LIMITED MB89R112 Datasheet HTML 5Page - RAMXEED LIMITED MB89R112 Datasheet HTML 6Page - RAMXEED LIMITED MB89R112 Datasheet HTML 7Page - RAMXEED LIMITED MB89R112 Datasheet HTML 8Page - RAMXEED LIMITED MB89R112 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
MB89R112
4
DS411-00004-3v0-E
DATA ELEMENT DEFINITION
1. Unique Identifier (UID)
The MB89R112 has a 64-bit unique identifier (UID). The UID is used to distinguish a transponder from
another transponder in the anti-collision algorithm described later.
The UID consists of the 3 items shown in the following.
An 8-bit data whose value is always “E0H” (bit 57 to bit 64)
An 8-bit IC manufacturer code whose value is always “08H”, and is defined by ISO/IEC 7816-6/AMI
(bit 49 to bit 56)
Unique 48-bit serial number assigned by FUJITSU SEMICONDUCTOR MEMORY SOLUTION (bit 1 to
bit 48)
Among the unique 48-bit serial number assigned by FUJITSU SEMICONDUCTOR MEMORY SOLUTION,
the 1 byte from bit 41 to bit 48 defines MB89R112 code whose value is “05H”. And the 5 bytes from bit 1 to
bit 40 define other serial number.
Structure of UID
MSB
LSB
64
57 56
49 48
41 40
1
“E0H”
IC manufacturer
code “08H”
“05H”
other serial number
Unique serial number assigned by
FUJITSU SEMICONDUCTOR MEMORY SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com