Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 80 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 76Page - ATMEL Corporation COM1A0 Datasheet HTML 77Page - ATMEL Corporation COM1A0 Datasheet HTML 78Page - ATMEL Corporation COM1A0 Datasheet HTML 79Page - ATMEL Corporation COM1A0 Datasheet HTML 80Page - ATMEL Corporation COM1A0 Datasheet HTML 81Page - ATMEL Corporation COM1A0 Datasheet HTML 82Page - ATMEL Corporation COM1A0 Datasheet HTML 83Page - ATMEL Corporation COM1A0 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 294 page
background image
80
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The alternate pin configuration is as follows:
• PCINT7/ADC7/AIN1/XREF/AREF – Port A, Bit7
PCINT7: Pin Change Interrupt, source 7.
ADC7: Analog to Digital Converter, channel 7.
AIN1: Analog Comparator Positive Input. This pin is directly connected to the positive input
of the Analog Comparator.
XREF: Internal Voltage Reference Output. The internal voltage reference 2.56V or 1.1V is
output when XREFEN is set and if either 2.56V or 1.1V is used as reference for ADC
conversion. When XREF output is enabled, the pin port pull-up and digital output
driver are turned off.
AREF: External Voltage Reference Input for ADC. The pin port pull-up and digital output
driver are disabled when the pin is used as an external voltage reference input for
ADC or as when the pin is only used to connect a bypass capacitor for the voltage ref-
erence of the ADC.
• PCINT6/ADC6/AIN0/SS – Port A, Bit6
PCINT6: Pin Change Interrupt, source 6.
ADC6: Analog to Digital Converter, channel 6.
AIN0: Analog Comparator Negative Input. This pin is directly connected to the negative input
of the Analog Comparator.
SS: SPI Slave Select Input. When the SPI is enabled as a slave, this pin is configured as an
input regardless of the setting of DDA6. As a slave, the SPI is activated when this pin
is driven low. When the SPI is enabled as a master, the data direction of this pin is
controlled by DDA6. When the pin is forced to be an input, the pull-up can still be con-
trolled by the PORTA6 bit.
• PCINT5/ADC5/T1/USCK/SCL/SCK – Port A, Bit5
PCINT5: Pin Change Interrupt, source 5.
ADC5: Analog to Digital Converter, channel 5.
T1: Timer/Counter1 Clock Input.
USCK: Three-wire Mode USI Clock Input.
SCL: Two-wire Mode USI Clock Input.
SCK: SPI Master Clock output, Slave Clock input pin. When the SPI is enabled as a slave,
this pin is configured as an input regardless of the setting of DDA5. When the SPI is
enabled as a master, the data direction of this pin is controlled by DDA5. When the pin
is forced to be an input, the pull-up can still be controlled by the PORTA5 bit.
• PCINT4/ADC4/ICP1/DI/SDA/MOSI – Port A, Bit 4
PCINT4: Pin Change Interrupt, source 4.
ADC4: Analog to Digital Converter, channel 4.
ICP1: Timer/Counter1 Input Capture Trigger. The PA3 pin can act as an Input Capture pin for
Timer/Counter1.
DI: Three-wire Mode USI Data Input. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
SDA: Two-wire Mode Serial Interface (USI) Data Input / Output.
MOSI: SPI Master Output / Slave Input. When the SPI is enabled as a Slave, this pin is con-
figured as an input regardless of the setting of DDA3. When the SPI is enabled as a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com