Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 34 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 30Page - ATMEL Corporation COM1A0 Datasheet HTML 31Page - ATMEL Corporation COM1A0 Datasheet HTML 32Page - ATMEL Corporation COM1A0 Datasheet HTML 33Page - ATMEL Corporation COM1A0 Datasheet HTML 34Page - ATMEL Corporation COM1A0 Datasheet HTML 35Page - ATMEL Corporation COM1A0 Datasheet HTML 36Page - ATMEL Corporation COM1A0 Datasheet HTML 37Page - ATMEL Corporation COM1A0 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 294 page
background image
34
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 4-3.
Low-frequency Crystal Oscillator Connections
When this oscillator is selected, start-up times are determined by the SUT fuses or by CSUT
field as shown in Table 4-8.
Notes:
1. Flash Fuse bits.
2. CLKSELR register bits.
3. These options should only be used if frequency stability at start-up is not important for the
application.
4.2.6
External Clock
To drive the device from this external clock source, CLKI should be driven as shown in Figure
4-4. To run the device on an external clock, the CKSEL Fuses or CSEL field must be pro-
grammed as shown in Table 4-1 on page 29.
Figure 4-4.
External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses or CSUT
field as shown in Table 4-9.
This external clock can be used by the asynchronous timer if the high or low frequency Crystal
Oscillator is not running (See ”Enable/Disable Clock Source” on page 36.). The asynchronous
timer is then able to enable this input.
Table 4-8.
Start-up Times for the Low Frequency Crystal Oscillator Clock Selection
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay from
Reset (V
CC = 5.0V)
Recommended usage
00
1K (1024)CK(3)
4.1ms
Fast rising power or BOD enabled
01
1K (1024)CK(3)
65ms
Slowly rising power
10
32K (32768)CK
65ms
Stable frequency at start-up
11
Reserved
XTAL2
XTAL1
GND
C1=12-22 pF
32.768 KHz
12-22 pF capacitors may be necessary if parasitic
impedance (pads, wires & PCB) is very low.
C2=12-22 pF
(XTAL2)
(CLKO)
CLKI
(XTAL1)
GND
~
External
Clock
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com