Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 33 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 29Page - ATMEL Corporation COM1A0 Datasheet HTML 30Page - ATMEL Corporation COM1A0 Datasheet HTML 31Page - ATMEL Corporation COM1A0 Datasheet HTML 32Page - ATMEL Corporation COM1A0 Datasheet HTML 33Page - ATMEL Corporation COM1A0 Datasheet HTML 34Page - ATMEL Corporation COM1A0 Datasheet HTML 35Page - ATMEL Corporation COM1A0 Datasheet HTML 36Page - ATMEL Corporation COM1A0 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 294 page
background image
33
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The CKSEL0 Fuse together with the SUT1..0 Fuses or CSEL0 together with CSUT1..0 field
select the start-up times as shown in Table 4-7.
Notes:
1. Flash Fuse bits.
2. CLKSELR register bits.
3. These options should only be used when not operating close to the maximum frequency of
the device, and only if frequency stability at start-up is not important for the application.
These options are not suitable for crystals.
4. These options are intended for use with ceramic resonators and will ensure frequency stabil-
ity at start-up. They can also be used with crystals when not operating close to the maximum
frequency of the device, and if frequency stability at start-up is not important for the
application.
5. This setting is only available if RSTDISBL fuse is not set.
4.2.5
Low-frequency Crystal Oscillator
To use a 32.768kHz watch crystal as the clock source for the device, the low-frequency crystal
oscillator must be selected by setting CKSEL fuses or CSEL field as shown in Table 4-1 on
page 29. The crystal should be connected as shown in Figure 4-3. Refer to the 32.768 kHz
Crystal Oscillator Application Note for details on oscillator operation and how to choose appro-
priate values for C1 and C2.
The 32.768kHz watch crystal oscillator can be used by the asynchronous timer if the (high-fre-
quency) Crystal Oscillator is not running or if the External Clock is not enabed (See
”Enable/Disable Clock Source” on page 36.). The asynchronous timer is then able to start
itself this low-frequency crystal oscillator.
Table 4-7.
Start-up Times for the Crystal Oscillator Clock Selection
CKSEL0(1)
CSEL0(2)
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
0
00
258CK(3)
14CK + 4.1ms
Ceramic resonator, fast
rising power
0
01
258CK(3)
14CK + 65ms
Ceramic resonator, slowly
rising power
010(5)
1K (1024)CK(4)
14CK
Ceramic resonator, BOD
enabled
0
11
1K (1024)CK(4)
14CK + 4.1ms
Ceramic resonator, fast
rising power
1
00
1K (1024)CK(4)
14CK + 65ms
Ceramic resonator, slowly
rising power
101(5)
16K (16384)CK
14CK
Crystal Oscillator, BOD
enabled
1
10
16K (16384)CK
14CK + 4.1ms
Crystal Oscillator, fast
rising power
1
11
16K (16384)CK
14CK + 65ms
Crystal Oscillator, slowly
rising power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com