Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 84 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 80Page - ATMEL Corporation COM1A0 Datasheet HTML 81Page - ATMEL Corporation COM1A0 Datasheet HTML 82Page - ATMEL Corporation COM1A0 Datasheet HTML 83Page - ATMEL Corporation COM1A0 Datasheet HTML 84Page - ATMEL Corporation COM1A0 Datasheet HTML 85Page - ATMEL Corporation COM1A0 Datasheet HTML 86Page - ATMEL Corporation COM1A0 Datasheet HTML 87Page - ATMEL Corporation COM1A0 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 294 page
background image
84
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
9.3.4
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 9-6.
The alternate pin configuration is as follows:
• PCINT15/ADC10/OC1BX/RESET/dW – Port B, Bit 7
PCINT15: Pin Change Interrupt, source 15.
ADC10: Analog to Digital Converter, channel 10.
OC1BX: Output Compare and PWM Output B-X for Timer/Counter1. The PB7 pin has to be
configured as an output (DDB7 set (one)) to serve this function. The OC1BX pin is
also the output pin for the PWM mode timer function (c.f. OC1BX bit of TCCR1D regis-
ter).
Table 9-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
PCINT15 (Pin Change Interrupt 15)
ADC10 (ADC Input Channel 10)
OC1BX (Output Compare and PWM Output B-X for Timer/Counter1)
RESET (Reset input pin)
dW (
debugWIRE I/O)
PB6
PCINT14 (Pin Change Interrupt 14)
ADC9 (ADC Input Channel 9)
OC1AX (Output Compare and PWM Output A-X for Timer/Counter1)
INT0 (External Interrupt0 Input)
PB5
PCINT13 (Pin Change Interrupt 13)
ADC8 (ADC Input Channel 8)
OC1BW (Output Compare and PWM Output B-W for Timer/Counter1)
XTAL2 (Chip clock Oscillator pin 2)
CLKO (System clock output)
PB4
PCINT12 (Pin Change Interrupt 12)
OC1AW (Output Compare and PWM Output A-W for Timer/Counter1)
XTAL1 (Chip clock Oscillator pin 1)
CLKI (External clock input)
PB3
PCINT11 (Pin Change Interrupt 11)
OC1BV (Output Compare and PWM Output B-V for Timer/Counter1)
PB2
PCINT10 (Pin Change Interrupt 10)
OC1AV (Output Compare and PWM Output A-V for Timer/Counter1)
USCK (Three-wire Mode USI Default Clock Input)
SCL (Two-wire Mode USI Default Clock Input)
PB1
PCINT9 (Pin Change Interrupt 9)
OC1BU (Output Compare and PWM Output B-U for Timer/Counter1)
DO (Three-wire Mode USI Default Data Output)
PB0
PCINT8 (Pin Change Interrupt 8)
OC1AU (Output Compare and PWM Output A-U for Timer/Counter1)
DI (Three-wire Mode USI Default Data Input)
SDA (Two-wire Mode USI Default Data Input / Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com