Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 95 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 91Page - ATMEL Corporation COM1A0 Datasheet HTML 92Page - ATMEL Corporation COM1A0 Datasheet HTML 93Page - ATMEL Corporation COM1A0 Datasheet HTML 94Page - ATMEL Corporation COM1A0 Datasheet HTML 95Page - ATMEL Corporation COM1A0 Datasheet HTML 96Page - ATMEL Corporation COM1A0 Datasheet HTML 97Page - ATMEL Corporation COM1A0 Datasheet HTML 98Page - ATMEL Corporation COM1A0 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 294 page
background image
95
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 10-4. Compare Match Output Logic
10.6.1
Compare Output Function
The general I/O port function is overridden by the Output Compare (OC0A) from the Wave-
form Generator if either of the COM0A1:0 bits are set. However, the OC0A pin direction (input
or output) is still controlled by the Data Direction Register (DDR) for the port pin. The Data
Direction Register bit for the OC0A pin (DDR_OC0A) must be set as output before the OC0A
value is visible on the pin. The port override function is independent of the Waveform Genera-
tion mode.
The design of the Output Compare pin logic allows initialization of the OC0A state before the
output is enabled. Note that some COM0A1:0 bit settings are reserved for certain modes of
operation. See ”8-bit Timer/Counter Register Description” on page 103.
10.6.2
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM0A1:0 bits differently in normal, CTC, and PWM
modes. For all modes, setting the COM0A1:0 = 0 tells the Waveform Generator that no action
on the OC0A Register is to be performed on the next compare match. For compare output
actions in the non-PWM modes refer to Table 10-1 on page 104. For fast PWM mode, refer to
Table 10-2 on page 104, and for phase correct PWM refer to Table 10-3 on page 104.
A change of the COM0A1:0 bits state will have effect at the first compare match after the bits
are written. For non-PWM modes, the action can be forced to have immediate effect by using
the FOC0A strobe bits.
10.7
Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins,
is defined by the combination of the Waveform Generation mode (WGM01:0) and Compare
Output mode (COM0A1:0) bits. The Compare Output mode bits do not affect the counting
sequence, while the Waveform Generation mode bits do. The COM0A1:0 bits control whether
the PWM output generated should be inverted or not (inverted or non-inverted PWM). For
non-PWM modes the COM0A1:0 bits control whether the output should be set, cleared, or tog-
gled at a compare match (See ”Compare Match Output Unit” on page 94.).
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCnx
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com