Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 32 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 28Page - ATMEL Corporation COM1A0 Datasheet HTML 29Page - ATMEL Corporation COM1A0 Datasheet HTML 30Page - ATMEL Corporation COM1A0 Datasheet HTML 31Page - ATMEL Corporation COM1A0 Datasheet HTML 32Page - ATMEL Corporation COM1A0 Datasheet HTML 33Page - ATMEL Corporation COM1A0 Datasheet HTML 34Page - ATMEL Corporation COM1A0 Datasheet HTML 35Page - ATMEL Corporation COM1A0 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 294 page
background image
32
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
4.2.4
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be
configured for use as an On-chip Oscillator, as shown in Figure 4-2. Either a quartz crystal or
a ceramic resonator may be used.
C1 and C2 should always be equal for both crystals and resonators. The optimal value of the
capacitors depends on the crystal or resonator in use, the amount of stray capacitance, and
the electromagnetic noise of the environment. Some initial guidelines for choosing capacitors
for use with crystals are given in Table 4-6. For ceramic resonators, the capacitor values given
by the manufacturer should be used.
Figure 4-2.
Crystal Oscillator Connections
The Oscillator can operate in three different modes, each optimized for a specific frequency
range. The operating mode is selected by CKSEL3..1 fuses or by CSEL3..1 field as shown in
Table 4-6.
Notes:
1. Flash Fuse bits.
2. CLKSELR register bits.
3. This option should not be used with crystals, only with ceramic resonators.
Table 4-6.
Crystal Oscillator Operating Modes
CKSEL3..1(1)
CSEL3..1(2)
Frequency Range (MHz)
Recommended Range for Capacitors
C1 and C2 for Use with Crystals (pF)
100(3)
0.4 - 0.9
–
101
0.9 - 3.0
12 - 22
110
3.0 - 8.0
12 - 22
111
8.0 - 16.0
12 - 22
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com