| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COM1A0 Datasheet(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
COM1A0 Datasheet(HTML) 2 Page - ATMEL Corporation |
|
2 / 294 page ![]() 2 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] • Special Microcontroller Features – Dynamic Clock Switching (External/Internal RC/Watchdog Clock) for Power Control, EMC Reduction – DebugWIRE On-chip Debug (OCD) System – Hardware In-System Programmable (ISP) via SPI Port – External and Internal Interrupt Sources – Interrupt and Wake-up on Pin Change – Low Power Idle, ADC Noise Reduction, and Power-down Modes – Enhanced Power-on Reset Circuit – Programmable Brown-out Detection Circuit – Internal Calibrated RC Oscillator 8MHz – 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators • Operating Voltage: – 7 to 16V – 4.5 to 5.5V Internal Voltage Regulator available for Digital and Logic • Operating Temperature: –40°C to +85°C Applications • Access Control Units • Animal Identification • Component Authetication • Brand Protection • Automation • Industrial • Waste Management • Process Control |