Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 29 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 25Page - ATMEL Corporation COM1A0 Datasheet HTML 26Page - ATMEL Corporation COM1A0 Datasheet HTML 27Page - ATMEL Corporation COM1A0 Datasheet HTML 28Page - ATMEL Corporation COM1A0 Datasheet HTML 29Page - ATMEL Corporation COM1A0 Datasheet HTML 30Page - ATMEL Corporation COM1A0 Datasheet HTML 31Page - ATMEL Corporation COM1A0 Datasheet HTML 32Page - ATMEL Corporation COM1A0 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 294 page
background image
29
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
4.1.1
CPU Clock – clk
CPU
The CPU clock is routed to parts of the system concerned with the Atmel
® AVR® core opera-
tion. Examples of such modules are the General Purpose Register File, the Status Register
and the Data memory holding the Stack Pointer. Halting the CPU clock inhibits the core from
performing general operations and calculations.
4.1.2
I/O Clock – clk
I/O
The I/O clock is used by the majority of the I/O modules, like synchronous Timer/Counter. The
I/O clock is also used by the External Interrupt module, but note that some external interrupts
are detected by asynchronous logic, allowing such interrupts to be detected even if the I/O
clock is halted.
4.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active
simultaneously with the CPU clock.
4.1.4
Asynchronous Timer Clock – clk
ASY
The asynchronous timer clock allows the asynchronous Timer/Counter to be clocked directly
from an external clock or an external low frequency crystal. The dedicated clock domain
allows using this Timer/Counter as a real-time counter even when the device is in sleep mode.
4.1.5
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O
clocks in order to reduce noise generated by digital circuitry. This gives more accurate ADC
conversion results.
4.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits (default) or
by the CLKSELR register (dynamic clock switch circuit) as shown below. The clock from the
selected source is input to the Atmel AVR clock generator, and routed to the appropriate
modules.
Notes:
1. For all fuses “1” means unprogrammed while “0” means programmed.
2. Flash Fuse bits.
3. CLKSELR register bits.
Table 4-1.
Device Clocking Options Select
(1) vs. PB4 and PB5 Functionality
Device Clocking Option
CKSEL3..0 (2)
CSEL3..0 (3)
PB4
PB5
External Clock
0000 b
CLKI
CLKO - I/O
Calibrated Internal RC Oscillator 8.0 MHz
0010 b
I/O
CLKO - I/O
Watchdog Oscillator 128 kHz
0011 b
I/O
CLKO - I/O
External Low-frequency Oscillator
01xx b
XTAL1
XTAL2
External Crystal/Ceramic Resonator (0.4 - 0.9MHz)
100x b
XTAL1
XTAL2
External Crystal/Ceramic Resonator (0.9 - 3.0MHz)
101x b
XTAL1
XTAL2
External Crystal/Ceramic Resonator (3.0 - 8.0MHz)
110x b
XTAL1
XTAL2
External Crystal/Ceramic Resonator (8.0 - 16.0MHz)
111x b
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com