Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 86 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 82Page - ATMEL Corporation COM1A0 Datasheet HTML 83Page - ATMEL Corporation COM1A0 Datasheet HTML 84Page - ATMEL Corporation COM1A0 Datasheet HTML 85Page - ATMEL Corporation COM1A0 Datasheet HTML 86Page - ATMEL Corporation COM1A0 Datasheet HTML 87Page - ATMEL Corporation COM1A0 Datasheet HTML 88Page - ATMEL Corporation COM1A0 Datasheet HTML 89Page - ATMEL Corporation COM1A0 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 294 page
background image
86
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• PCINT10/OC1AV/USCK/SCL – Port B, Bit 2
PCINT10: Pin Change Interrupt, source 10.
OC1AV: Output Compare and PWM Output A-V for Timer/Counter1. The PB2 pin has to be
configured as an output (DDB2 set (one)) to serve this function. The OC1AV pin is
also the output pin for the PWM mode timer function (c.f. OC1AV bit of TCCR1D regis-
ter).
USCK: Three-wire Mode USI Clock Input.
SCL: Two-wire Mode USI Clock Input.
• PCINT9/OC1BU/DO – Port B, Bit 1
PCINT9: Pin Change Interrupt, source 9.
OC1BU: Output Compare and PWM Output B-U for Timer/Counter1. The PB1 pin has to be
configured as an output (DDB1 set (one)) to serve this function. The OC1BU pin is
also the output pin for the PWM mode timer function (c.f. OC1BU bit of TCCR1D reg-
ister).
DO: Three-wire Mode USI Data Output. Three-wire mode data output overrides PORTB1
and it is driven to the port when the data direction bit DDB1 is set. PORTB1 still
enables the pull-up, if the direction is input and PORTB1 is set (one).
• PCINT8/OC1AU/DI/SDA – Port B, Bit 0
IPCINT8: Pin Change Interrupt, source 8.
OC1AU: Output Compare and PWM Output A-U for Timer/Counter1. The PB0 pin has to be
configured as an output (DDB0 set (one)) to serve this function. The OC1AU pin is
also the output pin for the PWM mode timer function (c.f. OC1AU bit of TCCR1D regis-
ter).
DI: Three-wire Mode USI Data Input. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
SDA: Two-wire Mode Serial Interface (USI) Data Input / Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com