Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 38 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 34Page - ATMEL Corporation COM1A0 Datasheet HTML 35Page - ATMEL Corporation COM1A0 Datasheet HTML 36Page - ATMEL Corporation COM1A0 Datasheet HTML 37Page - ATMEL Corporation COM1A0 Datasheet HTML 38Page - ATMEL Corporation COM1A0 Datasheet HTML 39Page - ATMEL Corporation COM1A0 Datasheet HTML 40Page - ATMEL Corporation COM1A0 Datasheet HTML 41Page - ATMEL Corporation COM1A0 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 294 page
background image
38
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
It is strongly recommended to run this sequence only once the interrupts have been disabled.
The user (code) is responsible for the correct implementation of the clock switching sequence.
Here is a “light” C-code that describes such a sequence of commands.
Warning:
In the Atmel® AVR®, only one among the three external clock sources can be enabled at a
given time. Moreover, the enables of the external clock and of the external low-frequency
oscillator are shared with the asynchronous timer.
C Code Example
void ClockSwiching (unsigned char clk
_number, unsigned char sut) {
#define CLOCK
_RECOVER
0x05
#define CLOCK
_ENABLE
0x02
#define CLOCK
_SWITCH
0x04
#define CLOCK
_DISABLE
0x01
unsigned char previous
_clk, temp;
// Disable interrupts
temp = SREG; asm ("cli");
// Save the current system clock source
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_RECOVER;
previous
_clk = CLKSELR & 0x0F;
// Enable the new clock source
CLKSELR = ((sut << 4 ) & 0x30) | (clk
_number & 0x0F);
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_ENABLE;
// Wait for clock validity
while ((CLKCSR & (1 << CLKRDY)) == 0);
// Switch clock source
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_SWITCH;
// Wait for effective switching
while (1){
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_RECOVER;
if ((CLKSELR & 0x0F) == (clk
_number & 0x0F)) break;
}
// Shut down unneeded clock source
if (previous_clk != (clk_number & 0x0F)) {
CLKSELR = previous
_clk;
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_DISABLE;
}
// Re-enable interrupts
SREG = temp;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com