Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 46 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 42Page - ATMEL Corporation COM1A0 Datasheet HTML 43Page - ATMEL Corporation COM1A0 Datasheet HTML 44Page - ATMEL Corporation COM1A0 Datasheet HTML 45Page - ATMEL Corporation COM1A0 Datasheet HTML 46Page - ATMEL Corporation COM1A0 Datasheet HTML 47Page - ATMEL Corporation COM1A0 Datasheet HTML 48Page - ATMEL Corporation COM1A0 Datasheet HTML 49Page - ATMEL Corporation COM1A0 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 294 page
background image
46
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
5.
Power Management and Sleep Modes
Sleep modes enable the application to shut down unused modules in the MCU, thereby saving
power. The Atmel
® AVR® provides various sleep modes allowing the user to tailor the power
consumption to the application’s requirements.
When enabled, the Brown-out Detector (BOD) actively monitors the power supply voltage dur-
ing the sleep periods. To further save power, it is possible to disable the BOD in some sleep
modes. See “BOD Disable” on page 47 for more details.
5.1
Sleep Modes
Figure 4-1 on page 28 presents the different clock systems in the Atmel AVR, and their distri-
bution. The figure is helpful in selecting an appropriate sleep mode. Table 5-1 shows the
different sleep modes, their wake up sources and BOD disable ability.
Note:
1. For INT1 and INT0, only level interrupt.
To enter any of the four sleep modes, the SE bit in SMCR must be written to logic one and a
SLEEP instruction must be executed. The SM1, and SM0 bits in the SMCR Register select
which sleep mode (Idle, ADC Noise Reduction, Power-down, or Power-save) will be activated
by the SLEEP instruction. See Table 5-2 on page 51 for a summary.
If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU wakes up. The MCU
is then halted for four cycles in addition to the start-up time, executes the interrupt routine, and
resumes execution from the instruction following SLEEP. The contents of the Register File
and SRAM are unaltered when the device wakes up from sleep. If a reset occurs during sleep
mode, the MCU wakes up and executes from the Reset Vector.
Table 5-1.
Active Clock Domains and Wake-up Sources in the Different Sleep Modes
Active Clock Domains
Oscillators
Wake-up Sources
Sleep Mode
Idle
X
X
X
X
X
X
X
X
XXXX
ADC Noise
Reduction
XX
X
X
X(1)
X
X
XXX
Power-down
X(1)
XX
X
Power-Save
X
X
X(1)
XXX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com