Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 55 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 51Page - ATMEL Corporation COM1A0 Datasheet HTML 52Page - ATMEL Corporation COM1A0 Datasheet HTML 53Page - ATMEL Corporation COM1A0 Datasheet HTML 54Page - ATMEL Corporation COM1A0 Datasheet HTML 55Page - ATMEL Corporation COM1A0 Datasheet HTML 56Page - ATMEL Corporation COM1A0 Datasheet HTML 57Page - ATMEL Corporation COM1A0 Datasheet HTML 58Page - ATMEL Corporation COM1A0 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 294 page
background image
55
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 6-3.
MCU Start-up, RESET Extended Externally
6.1.4
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer than the
minimum pulse width (see Table 23-3 on page 258) will generate a reset, even if the clock is
not running. Shorter pulses are not guaranteed to generate a reset. When the applied signal
reaches the Reset Threshold Voltage – V
RST – on its positive edge, the delay counter starts
the MCU after the Time-out period – t
TOUT – has expired. The External Reset can be disabled
by the RSTDISBL fuse, see Table 22-4 on page 237.
Figure 6-4.
External Reset During Operation
6.1.5
Brown-out Detection
Atmel
® AVR® has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level
during operation by comparing it to a fixed trigger level. The trigger level for the BOD can be
selected by the BODLEVEL Fuses (See ”BODLEVEL Fuse Coding” on page 259.). The trigger
level has a hysteresis to ensure spike free Brown-out Detection. The hysteresis on the detec-
tion level should be interpreted as V
BOT
+ =VBOT +VHYST /2andVBOT– =VBOT -VHYST /2.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT
– in Fig-
ure 6-5), the Brown-out Reset is immediately activated. When V
CC increases above the trigger
level (V
BOT
+ in Figure 6-5), the delay counter starts the MCU after the Time-out period tTOUT
has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in Table 23-6 on page 259.
V
RESET
TIME-OUT
INTERNAL
RESET
tTOUT
VRST
VPOR
CC
VCCRR
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com