| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COM1A0 Datasheet(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
COM1A0 Datasheet(HTML) 11 Page - ATMEL Corporation |
|
11 / 294 page ![]() 11 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] 2. AVR CPU Core 2.1 Overview This section discusses the Atmel ® AVR® core architecture in general. The main function of the CPU core is to ensure correct program execution. The CPU must therefore be able to access memories, perform calculations, control peripherals, and handle interrupts. Figure 2-1. Block Diagram of the Atmel AVR Architecture In order to maximize performance and parallelism, the Atmel AVR uses a Harvard architecture – with separate memories and buses for program and data. Instructions in the Program mem- ory are executed with a single level pipelining. While one instruction is being executed, the next instruction is pre-fetched from the Program memory. This concept enables instructions to be executed in every clock cycle. The Program memory is In-System Reprogrammable Flash memory. The fast-access Register File contains 32 x 8-bit general purpose working registers with a single clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU) operation. In a typical ALU operation, two operands are output from the Register File, the operation is executed, and the result is stored back in the Register File – in one clock cycle. Flash Program Memory Instruction Register Instruction Decoder Program Counter Control Lines 32 x 8 General Purpose Registrers ALU Status and Control EEPROM Data Bus 8-bit I/O Lines Data SRAM I/O Module 2 Analog Comparator I/O Module1 Watchdog Timer I/O Module n Interrupt Unit A.D.C. |