Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1A0 Datasheet(PDF) 63 Page - ATMEL Corporation

No. de pieza COM1A0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1A0 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button COM1A0 Datasheet HTML 59Page - ATMEL Corporation COM1A0 Datasheet HTML 60Page - ATMEL Corporation COM1A0 Datasheet HTML 61Page - ATMEL Corporation COM1A0 Datasheet HTML 62Page - ATMEL Corporation COM1A0 Datasheet HTML 63Page - ATMEL Corporation COM1A0 Datasheet HTML 64Page - ATMEL Corporation COM1A0 Datasheet HTML 65Page - ATMEL Corporation COM1A0 Datasheet HTML 66Page - ATMEL Corporation COM1A0 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 294 page
background image
63
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
7.
Interrupts
This section describes the specifics of the interrupt handling as performed in the Atmel
®
AVR
®. For a general explanation of the Atmel AVR interrupt handling, refer to “Reset and
Interrupt Handling” on page 16.
7.1
Interrupt Vectors in the Atmel AVR
Table 7-1.
Reset and Interrupt Vectors in the Atmel AVR
Vector Nb.
Program Address
Source
Interrupt Definition
Atmel AVR
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset and
Watchdog System Reset
2
0x0002
INT0
External Interrupt Request 0
3
0x0004
INT1
External Interrupt Request 1
4
0x0006
PCINT0
Pin Change Interrupt Request 0
5
0x0008
PCINT1
Pin Change Interrupt Request 1
6
0x000A
WDT
Watchdog Time-out Interrupt
7
0x000C
TIMER1 CAPT
Timer/Counter1 Capture Event
8
0x000E
TIMER1 COMPA
Timer/Counter1 Compare Match A
9
0x0010
TIMER1 COMPB
Timer/Coutner1 Compare Match B
10
0x0012
TIMER1 OVF
Timer/Counter1 Overflow
11
0x0014
TIMER0 COMPA
Timer/Counter0 Compare Match A
12
0x0016
TIMER0 OVF
Timer/Counter0 Overflow
13
0x0018
LIN TC
LIN/UART Transfer Complete
14
0x001A
LIN ERR
LIN/UART Error
15
0x001C
SPI, STC
SPI Serial Transfer Complete
16
0x001E
ADC
ADC Conversion Complete
17
0x0020
EE READY
EEPROM Ready
18
0x0022
ANALOG COMP
Analog Comparator
19
0x0024
USI START
USI
Start Condition Detection
20
0x0026
USI OVF
USI Counter Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com