Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 41 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 37Page - Renesas Technology Corp H8S/2112R Datasheet HTML 38Page - Renesas Technology Corp H8S/2112R Datasheet HTML 39Page - Renesas Technology Corp H8S/2112R Datasheet HTML 40Page - Renesas Technology Corp H8S/2112R Datasheet HTML 41Page - Renesas Technology Corp H8S/2112R Datasheet HTML 42Page - Renesas Technology Corp H8S/2112R Datasheet HTML 43Page - Renesas Technology Corp H8S/2112R Datasheet HTML 44Page - Renesas Technology Corp H8S/2112R Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 15 of 954
REJ09B0462-0100
Pin No.
Pin Name
Single-Chip Mode
TFP-
144V
BP-
176V
TLP-
145V
Mode 2 (EXPE = 0)
M12
NC
70
P13
L10
P72/AN2
71
R14
N11
P73/AN3
72
P14
N12
P74/AN4
73
R15
M13
P75/AN5
74
N13
N13
P76/AN6
75
P15
L12
P77/AN7
76
N14
M12
AVCC
M13
NC
N15
AVCC
77
M14
L11
AVref
L12
E5
NC
M15
AVref
78
L13
L13
P60/
KIN0
79
L14
K12
P61/
KIN1
80
L15
K11
P62/
KIN2
81
K12
J12
P63/
KIN3
82
K13
K13
P64/
KIN4
K15
NC
83
K14
J10
P65/
KIN5
84
J12
J11
P66/
IRQ6/KIN6
85
J13
H12
P67/
IRQ7/KIN7
86
J15
H10
VCC
J14
NC
87
H12
J13
PC7/TIOCB2/TCLKD/
WUE15
88
H13
H11
PC6/TIOCA2/
WUE14
89
H15
G12
PC5/TIOCB1/TCLKC/
WUE13
90
H14
G10
PC4/TIOCA1/
WUE12
91
G12
H13
PC3/TIOCD0/TCLKB/
WUE11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com