Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 42 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 38Page - Renesas Technology Corp H8S/2112R Datasheet HTML 39Page - Renesas Technology Corp H8S/2112R Datasheet HTML 40Page - Renesas Technology Corp H8S/2112R Datasheet HTML 41Page - Renesas Technology Corp H8S/2112R Datasheet HTML 42Page - Renesas Technology Corp H8S/2112R Datasheet HTML 43Page - Renesas Technology Corp H8S/2112R Datasheet HTML 44Page - Renesas Technology Corp H8S/2112R Datasheet HTML 45Page - Renesas Technology Corp H8S/2112R Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 16 of 954
REJ09B0462-0100
Pin No.
Pin Name
Single-Chip Mode
TFP-
144V
BP-
176V
TLP-
145V
Mode 2 (EXPE = 0)
92
G13
F12
PC2/TIOCC0/TCLKA/
WUE10
93
G15
G13
PC1/TIOCB0/
WUE9
94
G14
G11
PC0/TIOCA0/
WUE8
95
F12
F10
VSS
F13
VSS
F15
NC
96
F14
E10
P27
97
E13
F13
P26
98
E15
E12
P25
99
E14
E13
P24
100
E12
F11
P23
101
D15
D12
P22
102
D14
E11
P21
103
D13
D13
P20
104
C15
D10
P17/
WUE7
105
D12
C12
P16/
WUE6
106
C14
C13
P15/
WUE5
107
B15
D11
P14/
WUE4
108
B14
B13
P13/
WUE3
109
A15
A12
P12/
WUE2
110
C13
A13
P11/
WUE1
A14
NC
111
B13
B11
VSS
C12
NC
A13
VSS
112
B12
B12
P10
WUE0
113
D11
A11
PB7/
RTS/FSISS
114
A12
C11
PB6/
CTS/FSICK
115
C11
B10
PB5/
DTR/FSIDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com