| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2112R Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112R Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 984 page ![]() Rev. 1.00 May 09, 2008 Page xvi of xxvi 12.6.2 Compare-Match Count Mode ............................................................................... 339 12.7 TMR_Y and TMR_X Cascaded Connection ..................................................................... 340 12.7.1 16-Bit Count Mode ............................................................................................... 340 12.7.2 Compare-Match Count Mode ............................................................................... 340 12.7.3 Input Capture Operation ....................................................................................... 341 12.8 Interrupt Sources................................................................................................................ 343 12.9 Usage Notes ....................................................................................................................... 344 12.9.1 Conflict between TCNT Write and Counter Clear ............................................... 344 12.9.2 Conflict between TCNT Write and Count-Up ...................................................... 344 12.9.3 Conflict between TCOR Write and Compare-Match............................................ 345 12.9.4 Conflict between Compare-Matches A and B ...................................................... 345 12.9.5 Switching of Internal Clocks and TCNT Operation ............................................. 346 12.9.6 Mode Setting with Cascaded Connection ............................................................. 348 12.9.7 Module Stop Mode Setting ................................................................................... 348 Section 13 Watchdog Timer (WDT) ................................................................. 349 13.1 Features.............................................................................................................................. 349 13.2 Input/Output Pins ...............................................................................................................351 13.3 Register Descriptions ......................................................................................................... 351 13.3.1 Timer Counter (TCNT)......................................................................................... 352 13.3.2 Timer Control/Status Register (TCSR)................................................................. 352 13.4 Operation ........................................................................................................................... 356 13.4.1 Watchdog Timer Mode......................................................................................... 356 13.4.2 Interval Timer Mode............................................................................................. 357 13.5 Interrupt Sources................................................................................................................ 358 13.6 Usage Notes ....................................................................................................................... 359 13.6.1 Notes on Register Access ..................................................................................... 359 13.6.2 Conflict between Timer Counter (TCNT) Write and Increment........................... 360 13.6.3 Changing Values of CKS2 to CKS0 Bits.............................................................. 360 13.6.4 Changing Value of PSS Bit .................................................................................. 360 13.6.5 Switching between Watchdog Timer Mode and Interval Timer Mode................. 360 Section 14 Serial Communication Interface (SCI) ............................................ 361 14.1 Features.............................................................................................................................. 361 14.2 Input/Output Pins ...............................................................................................................363 14.3 Register Descriptions ......................................................................................................... 363 14.3.1 Receive Shift Register (RSR) ............................................................................... 364 14.3.2 Receive Data Register (RDR)............................................................................... 364 14.3.3 Transmit Data Register (TDR).............................................................................. 364 14.3.4 Transmit Shift Register (TSR) .............................................................................. 364 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |