Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 52 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 48Page - Renesas Technology Corp H8S/2112R Datasheet HTML 49Page - Renesas Technology Corp H8S/2112R Datasheet HTML 50Page - Renesas Technology Corp H8S/2112R Datasheet HTML 51Page - Renesas Technology Corp H8S/2112R Datasheet HTML 52Page - Renesas Technology Corp H8S/2112R Datasheet HTML 53Page - Renesas Technology Corp H8S/2112R Datasheet HTML 54Page - Renesas Technology Corp H8S/2112R Datasheet HTML 55Page - Renesas Technology Corp H8S/2112R Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 26 of 954
REJ09B0462-0100
Pin No.
Type
Symbol
TFP-144V BP-176V TLP-145V
I/O
Name and Function
P17 to
P10
104 to 110,
112
C15, 12,
C14, B15,
B14, A15,
C13, B12
D10, C12,
C13, D11,
B13, A12,
A13, B12
Input/
Output
8-bit input/output pins
P27 to
P20
96 to 103
F14, E13,
E15, E14,
E12, D15,
D14, D13
E10, F13,
E12, E13,
F11, D12,
E11, D13
Input/
Output
8-bit input/output pins
P37 to
P30
128 to 121 D7, A8,
C8, D8,
B9, A9,
C9, D9
D6, D7,
D8, A8,
B7, C8,
D9, A9
Input/
Output
8-bit input/output pins
P47 to
P40
6 to 2,
138 to 136
C1, D3,
C2, B1,
C3, D5,
B5, A5
C3, C1,
B2, C2,
A1, B4,
A5, D7
Input/
Output
8-bit input/output pins
P52 to
P50
14 to 16
F2, G4,
G1
E4, F3,
G2
Input/
Output
Three input/output pins
(The output type of P52 is
NMOS push-pull.)
P67 to
P60
85 to 78
J13, J12,
K14, K13,
K12, L15,
L14, L13
H12, J11,
J10, K13,
J12, K11,
K12, L13
Input/
Output
8-bit input/output pins
P77 to
P70
75 to 68
P15, N13,
R15, P14,
R14, P13,
R13, N12
L12, N13,
M13, N12,
N11, L10,
M11, N10
Input
8-bit input pins
P86 to
P80
135 to 129 B6, A6,
C6, D6,
B7, A7,
C7
C6, B5,
A6, D5,
C7, B6,
A7
Input/
Output
7-bit input/output pins
I/O port
P97 to
P90
17 to 24
G2, H1,
H2, J4,
J3, J1,
J2, K4
F1, F4,
G4, H4,
G1, H2,
G3, J4
Input/
Output
8-bit input/output pins
(The output type of P97 is
NMOS push-pull.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com