Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 28 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 24Page - Renesas Technology Corp H8S/2112R Datasheet HTML 25Page - Renesas Technology Corp H8S/2112R Datasheet HTML 26Page - Renesas Technology Corp H8S/2112R Datasheet HTML 27Page - Renesas Technology Corp H8S/2112R Datasheet HTML 28Page - Renesas Technology Corp H8S/2112R Datasheet HTML 29Page - Renesas Technology Corp H8S/2112R Datasheet HTML 30Page - Renesas Technology Corp H8S/2112R Datasheet HTML 31Page - Renesas Technology Corp H8S/2112R Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 2 of 954
REJ09B0462-0100
1.1.2
Overview of Functions
Table 1.1 lists the functions of this LSI in outline.
Table 1.1
Overview of Functions
Classification
Module/
Function
Description
ROM
• ROM lineup: Flash memory version
H8S/2112R: 96 Kbytes
Memory
RAM
• RAM capacity: 4 Kbytes
CPU
• 16-bit high-speed H8S/2000 CPU (CISC type)
Upward-compatibility with H8/300, H8/300H, and H8S CPUs at
object level
• General-register architecture (sixteen 16-bit general registers)
• Eight addressing modes
• 4-Gbyte address space
Program: 4 Gbytes available
Data: 4 Gbytes available
• 65 basic instructions (bit manipulation instructions and others)
• Minimum instruction execution time: 40.0 ns (for an ADD
instruction while system clock
φ = 25 MHz and
V
CC = 3.0 to 3.6 V)
CPU
Operating
mode
• Advanced and single-chip modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com